| データシートサーチシステム |
|
TNETV2666FIDZWT データシート(PDF) 241 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2666FIDZWT データシート(HTML) 241 Page - Texas Instruments |
|
241 / 249 page ![]() TMS320C6424 www.ti.com SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 7.2 Thermal Data for ZDU Table 7-2. Thermal Resistance Characteristics (PBGA Package) [ZDU] NO. °C/W(1) AIR FLOW (m/s)(2) 1 R ΘJC Junction-to-case 7.7 N/A 2 R ΘJB Junction-to-board 10.5 N/A 3 19.7 0.00 4 R ΘJA Junction-to-free air 15.5 1.0 5 14.3 2.00 7 4.9 0.00 8 PsiJT Junction-to-package top 5.1 1.0 9 5.2 2.00 11 10.4 0.00 12 PsiJB Junction-to-board 9.8 1.0 13 9.6 2.00 (1) The junction-to-case measurement was conducted in a JEDEC defined 1S0P system. Other measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these three EIA/JEDEC standards: • EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages (2) m/s = meters per second 7.3 Packaging Information The following packaging information and addendum reflect the most current data available for the designated device(s). This data is subject to change without notice and without revision of this document. Copyright © 2007–2009, Texas Instruments Incorporated Mechanical Data 241 Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |