| データシートサーチシステム |
|
TNETV6446AINZWT データシート(PDF) 110 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT データシート(HTML) 110 Page - Texas Instruments |
|
110 / 227 page ![]() TMS320DM6446 SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 www.ti.com Table 6-20. DM6446 ARM Interrupts ARM ARM INTERRUPT ACRONYM SOURCE INTERRUPT ACRONYM SOURCE NUMBER NUMBER 0 VDINT0 VPSS CCDC 0 32 TINT0 Timer 0 – TINT12 1 VDINT1 VPSS CCDC 1 33 TINT1 Timer 0 – TINT34 2 VDINT2 VPSS CCDC 2 34 TINT2 Timer 1 – TINT12 3 HISTINT VPSS Histogram 35 TINT3 Timer 1 – TINT34 4 H3AINT VPSS AE/AWB/AF 36 PWMINT0 PWM 0 5 PRVUINT VPSS Previewer 37 PWMINT1 PWM 1 6 RSZINT VPSS Resizer 38 PWMINT2 PWM 2 7 - Reserved 39 I2CINT I2C 8 VENCINT VPSS VPBE 40 UARTINT0 UART 0 9 ASQINT VICP Sqr (ARM int) 41 UARTINT1 UART 1 10 IMXINT VICP IMX 42 UARTINT2 UART 2 11 VLCDINT VICP VLCD 43 SPINT0 SPI 12 - Reserved 44 SPINT1 SPI 13 EMACINT EMAC Memory Controller 45 - Reserved 14 - Reserved 46 DSP2ARM0 DSP Controller to ARM 0 15 - Reserved 47 DSP2ARM1 DSP Controller to ARM 1 16 EDMA3CC_INT0 EDMA3 CC Region 0 48 GPIO0 GPIO 0 17 EDMA3CC_ERRINT EDMA3 CC Error 49 GPIO1 GPIO 1 18 EDMA3TC_ERRINT0 EDMA3 TC 0 Error 50 GPIO2 GPIO 2 19 EDMA3TC_ERRINT1 EDMA3 TC 1 Error 51 GPIO3 GPIO 3 20 PSCINT PSC ALLINT 52 GPIO4 GPIO 4 21 - Reserved 53 GPIO5 GPIO 5 22 IDEINT ATA / IDE 54 GPIO6 GPIO 6 23 HPINT HPI 55 GPIO7 GPIO 7 24 ASPXINT ASP Transmit 56 GPIOBNK0 GPIO Bank 0 25 ASPRINT ASP Receive 57 GPIOBNK1 GPIO Bank 1 26 MMCINT MMC 58 GPIOBNK2 GPIO Bank 2 27 SDIOINT SD 59 GPIOBNK3 GPIO Bank 3 28 - Reserved 60 GPIOBNK4 GPIO Bank 4 29 DDRINT DDR2 Memory Controller 61 COMMTX ARMSS 30 EMIFAINT EMIFA 62 COMMRX ARMSS 31 VLQINT VLYNQ 63 EMUINT E2ICE 110 Peripheral and Electrical Specifications Copyright © 2005–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |