| データシートサーチシステム |
|
TNETV6446AINZWT8 データシート(PDF) 113 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV6446AINZWT8 データシート(HTML) 113 Page - Texas Instruments |
|
113 / 227 page ![]() TMS320DM6446 www.ti.com SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010 Table 6-22. DM6446 DSP Interrupts (continued) DSP DSP INTERRUPT ACRONYM SOURCE INTERRUPT ACRONYM SOURCE NUMBER NUMBER EDMA3CC_INT1 EDMA3 CC Reserved 36 100 Interrupt Region 1 37 EDMA3CC_ERRINT EDMA3 CC Error 101 Reserved 38 EDMA3TC_ERRINT0 EDMA3 TC0 Error 102 Reserved 39 EDMA3TC_ERRINT1 EDMA3 TC1 Error 103 Reserved 40 PSCINT PSC ALLINT 104 Reserved 41 Reserved 105 Reserved 42 Reserved 106 Reserved 43 Reserved 107 Reserved 44 Reserved 108 Reserved 45 Reserved 109 Reserved 46 Reserved 110 Reserved 47 Reserved 111 Reserved 48 ASPXINT ASP Transmit 112 PMC_ED C64x+ PMC 49 ASPRINT ASP Receive 113 Reserved 50 Reserved 114 Reserved 51 Reserved 115 Reserved 52 Reserved 116 UMCED1 C64x+ UMC 1 53 Reserved 117 UMCED2 C64x+ UMC 2 54 Reserved 118 PDCERR C64x+ PDC 55 Reserved 119 PVCINT C64x+ PDC 56 Reserved 120 PMCCMPA C64x+ PMC 57 Reserved 121 PMCDMPA C64x+ PMC 58 Reserved 122 DMCCMPA C64x+ DMC 59 Reserved 123 DMCDMPA C64x+ DMC 60 Reserved 124 UMCCMPA C64x+ UMC 61 Reserved 125 UMCDMPA C64x+ UMC 62 Reserved 126 EMCCMPA C64x+ EMC 63 Reserved 127 EMCDMPA C64x+ EMC Copyright © 2005–2010, Texas Instruments Incorporated Peripheral and Electrical Specifications 113 Submit Documentation Feedback Product Folder Link(s): TMS320DM6446 |