| データシートサーチシステム |
|
ENICSF2811PBKA データシート(PDF) 116 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ENICSF2811PBKA データシート(HTML) 116 Page - Texas Instruments |
|
116 / 172 page ![]() GPIO Signal 1 Sampling Window Output From Qualifier 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 SYSCLKOUT QUALPRD = 1 (SYSCLKOUT/2) See Note (A) Sampling period, determined by GPxQUAL [QUALPRD] (SYSCLKOUT cycle x 2 x QUALPRD) x 5 TMS320F2810, TMS320F2811, TMS320F2812 TMS320C2810, TMS320C2811, TMS320C2812 SPRS174T – APRIL 2001 – REVISED MAY 2012 www.ti.com 6.19 General-Purpose Input/Output (GPIO) – Input Timing A. This glitch is ignored by the input qualifier. The QUALPRD bit field specifies the qualification sampling period. It can vary from 00 to 0xFF. Input qualification is not applicable when QUALPRD = 00. For any other value “n”, the qualification sampling period is 2n SYSCLKOUT cycles (that is, at every 2n SYSCLKOUT cycle, the GPIO pin will be sampled). Six consecutive samples must be of the same value for a given input to be recognized. B. For the qualifier to detect the change, the input must be stable for 10 SYSCLKOUT cycles or greater. In other words, the inputs should be stable for (5 × QUALPRD × 2) SYSCLKOUT cycles. This would enable five sampling periods for detection to occur. Since external signals are driven asynchronously, a 13-SYSCLKOUT-wide pulse provides reliable recognition. Figure 6-24. GPIO Input Qualifier – Example Diagram for QUALPRD = 1 116 Electrical Specifications Copyright © 2001–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812 |