| データシートサーチシステム |
|
ENICSF2811PBKA データシート(PDF) 132 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ENICSF2811PBKA データシート(HTML) 132 Page - Texas Instruments |
|
132 / 172 page ![]() DIN t d(XCOHL-XRDL) t d(XCOH-XA) t d(XCOH-XZCSL) t d(XCOHL-XRDH) t h(XD)XRD t d(XCOHL-XZCSH) XCLKOUT = XTIMCLK XCLKOUT = 1/2 XTIMCLK XZCS0AND1 XZCS2 XZCS6AND7 , , XA[0:18] XRD XWE XR/W XD[0:15] t su(XD)XRD t a(A) t a(XRD) XREADY Lead Active Trail TMS320F2810, TMS320F2811, TMS320F2812 TMS320C2810, TMS320C2811, TMS320C2812 SPRS174T – APRIL 2001 – REVISED MAY 2012 www.ti.com A. All XINTF accesses (lead period) begin on the rising edge of XCLKOUT. When necessary, the device will insert an alignment cycle before an access to meet this requirement. B. During alignment cycles, all signals will transition to their inactive state. C. For USEREADY = 0, the external XREADY input signal is ignored. D. XA[0:18] will hold the last address put on the bus during inactive cycles, including alignment cycles. Figure 6-31. Example Read Access XTIMING register parameters used for this example: XRDLEAD XRDACTIVE XRDTRAIL USEREADY X2TIMING XWRLEAD XWRACTIVE XWRTRAIL READYMODE ≥ 1 ≥ 0 ≥ 0 0 0 N/A(1) N/A(1) N/A(1) N/A(1) (1) N/A = “Don’t care” for this example 132 Electrical Specifications Copyright © 2001–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812 |