| データシートサーチシステム |
|
TNETV2685FIBZUTA5 データシート(PDF) 161 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUTA5 データシート(HTML) 161 Page - Texas Instruments |
|
161 / 191 page ![]() 15 14 13 13 13 13 13 13 13 12 12 11 10 10 9 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 AHCLKR/X (Falling Edge Polarity) AHCLKR/X (Rising Edge Polarity) AFSR/X (Bit Width, 0 Bit Delay) AFSR/X (Bit Width, 1 Bit Delay) AFSR/X (Bit Width, 2 Bit Delay) AFSR/X (Slot Width, 0 Bit Delay) AFSR/X (Slot Width, 1 Bit Delay) AFSR/X (Slot Width, 2 Bit Delay) AXR[n] (Data Out/T ransmit) ACLKR/X (CLKRP = CLKXP = 0) (B) ACLKR/X (CLKRP = CLKXP = 1) (A) TMS320DM647 TMS320DM648 www.ti.com SPRS372H – MAY 2007 – REVISED APRIL 2012 A. For CLKRP = CLKXP = 1, the McASP transmitter is configured for falling edge (to shift data out) and the McASP receiver is configured for rising edge (to shift data in). B. For CLKRP = CLKXP = 0, the McASP transmitter is configured for rising edge (to shift data out) and the McASP receiver is configured for falling edge (to shift data in). Figure 6-50. McASP Output Timing Copyright © 2007–2012, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 161 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |