| データシートサーチシステム |
|
TNETV2685FIBZUTA5 データシート(PDF) 141 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUTA5 データシート(HTML) 141 Page - Texas Instruments |
|
141 / 191 page ![]() HCS HAS HCNTL[1:0] HR/W HHWIL HSTROBE HD[15:0] HRDY 16 15 37 13 14 16 15 37 13 3 1 2 3 1 2 38 7 4 6 TMS320DM647 TMS320DM648 www.ti.com SPRS372H – MAY 2007 – REVISED APRIL 2012 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto- incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-40. HPI16 Read Timing (HAS Not Used, Tied High) Copyright © 2007–2012, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 141 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |