| データシートサーチシステム |
|
TNETV2685FIDZUT7 データシート(PDF) 160 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIDZUT7 データシート(HTML) 160 Page - Texas Instruments |
|
160 / 191 page ![]() 8 7 4 4 3 2 2 1 A0 A1 B0 B1 A30 A31 B30 B31 C0 C1 C2 C3 C31 AHCLKR/X (Falling Edge Polarity) AHCLKR/X (Rising Edge Polarity) AFSR/X (Bit Width, 0 Bit Delay) AFSR/X (Bit Width, 1 Bit Delay) AFSR/X (Bit Width, 2 Bit Delay) AFSR/X (Slot Width, 0 Bit Delay) AFSR/X (Slot Width, 1 Bit Delay) AFSR/X (Slot Width, 2 Bit Delay) AXR[n] (Data In/Receive) 6 5 ACLKR/X (CLKRP = CLKXP = 0) (A) ACLKR/X (CLKRP = CLKXP = 1) (B) TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com A. For CLKRP = CLKXP = 0, the McASP transmitter is configured for rising edge (to shift data out) and the McASP receiver is configured for falling edge (to shift data in). B. For CLKRP = CLKXP = 1, the McASP transmitter is configured for falling edge (to shift data out) and the McASP receiver is configured for rising edge (to shift data in). Figure 6-49. McASP Input Timing 160 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |