データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7MC1K2-Auto データシート(PDF) 166 Page - STMicroelectronics

部品番号 ST7MC1K2-Auto
部品情報  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2-Auto データシート(HTML) 166 Page - STMicroelectronics

Back Button ST7MC1K2-Auto Datasheet HTML 162Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 163Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 164Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 165Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 166Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 167Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 168Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 169Page - STMicroelectronics ST7MC1K2-Auto Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
166/371
Three registers are used internally to manage the auto-update of the LIN divider (LDIV):
LDIV_NOM (nominal value written by software at LPR/LPFR addresses).
LDIV_MEAS (results of the field synch measurement).
LDIV (used to generate the local baud rate).
The control and interactions of these registers is explained in Figure 70 and Figure 71. It
depends on the LDUM bit setting (LIN divider update method)
Note:
As explained in Figure 70 and Figure 71, LDIV can be updated by two concurrent actions: a
transfer from LDIV_MEAS at the end of the LIN sync field and a transfer from LDIV_NOM
due to a software write of LPR. If both operations occur at the same time, the transfer from
LDIV_NOM has priority.
Figure 70.
LDIV read/write operations when LDUM = 0
MANT(7:0)
LDIV
FRAC(3:0)
LDIV_NOM
Baud rate generation
Read LPR
Write LPFR
Update
at end of
synch field
FRAC(3:0)
MANT(7:0)
LDIV_MEAS
FRAC(3:0)
MANT(7:0)
Write LPR
Read LPFR
LIN sync field
measurement
Write LPR
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More