| データシートサーチシステム |
|
ST7MC1K2-Auto データシート(PDF) 361 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2-Auto データシート(HTML) 361 Page - STMicroelectronics |
|
361 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Known limitations 361/371 14.3.4 Development tool order codes for the ST7MCxxx-Auto family 14.3.5 Package/socket footprint proposal 15 Known limitations 15.1 Flash/FASTROM devices only Two temperature versions are available with different limitations (see Table 232). 15.2 Clearing active interrupts outside interrupt routine When an active interrupt request occurs at the same time as the related flag or interrupt mask is being cleared, the CC register may be corrupted. Table 230. Development tool order codes for the ST7MCxxx-Auto family MCU Starter kit Emulator Programming tool ST7MC1K2-Auto ST7MC1K6-Auto ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto, -KIT/BLDC ST7MDT50-EMU3 ST7-STICK(1)(2) STX-RLINK(3) 1. Add suffix /EU, /UK or /US for the power supply for your region 2. Parallel port connection to PC 3. RLink with ST7 tool set ST7MC2S4-Auto ST7MC2S6-Auto Table 231. Suggested list of socket types Package/probe Socket Reference Emulator Adapter LQFP32 7x7 IRONWOOD SF-QFE32SA-L-01 IRONWOOD SK-UGA06/32A-01 LQFP44 10x10 YAMAICHI IC149-044-*52-*5 YAMAICHI ICP-044-5 Table 232. Temperature version limitaions for Flash and FASTROM devices Part number Limitation ST7FMC1K6TCE Limitation corresponding to temperature version C ST7FMC2S6TCE ST7FMC1K2TCE Limitation corresponding to temperature version A ST7FMC2S4TCE Obsolete Product(s) - Obsolete Product(s) |