| データシートサーチシステム |
|
ST10F296E データシート(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F296E データシート(HTML) 153 Page - STMicroelectronics |
|
153 / 346 page ![]() Obsolete Product(s) - Obsolete Product(s) ST10F296E Parallel ports 153/346 DP6 register 0 ODP6 register DP6 (FFCEh/E7h) SFR Reset value: --00h 15 14 13 12 11 10 987 65432 10 --- ----- DP6 .7 DP6 .6 DP6 .5 DP6 .4 DP6 .3 DP6 .2 DP6 .1 DP6 .0 --- ----- RW RW RW RW RW RW RW RW Table 89. DP6 register description Bit Bit name Function 7-0 DP6.y Port direction register DP6 bit y 0: Port line P6.y is an input (high impedance) 1: Port line P6.y is an output ODP6 (F1CEh/E7h) ESFR Reset value: --00h 15 14 13 12 11 10 987 65432 10 --- ----- OD P6.7 OD P6.6 OD P6.5 OD P6.4 OD P6.3 OD P6.2 OD P6.1 OD P6.0 --- ----- RW RW RW RW RW RW RW RW Table 90. ODP6 register description Bit Bit name Function 7-0 ODP6.y Port open-drain control register ODP6 bit y 0: Port line P6.y output driver in push-pull mode 1: Port line P6.y output driver in open-drain mode Obsolete Product(s) - Obsolete Product(s) |