データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72361K4-Auto データシート(PDF) 249 Page - STMicroelectronics

部品番号 ST72361K4-Auto
部品情報  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361K4-Auto データシート(HTML) 249 Page - STMicroelectronics

Back Button ST72361K4-Auto Datasheet HTML 245Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 246Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 247Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 248Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 249Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 250Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 251Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 252Page - STMicroelectronics ST72361K4-Auto Datasheet HTML 253Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
249/279
tCOUNTER
Timer clock period when
internal clock is selected
fCPU =8 MHz
28
tCPU
0.250
1
µs
Table 111.
16-bit timer characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More