| データシートサーチシステム |
|
ST72361K7-Auto データシート(PDF) 271 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361K7-Auto データシート(HTML) 271 Page - STMicroelectronics |
|
271 / 279 page ![]() ST72361xx-Auto Important notes Doc ID 12468 Rev 3 271/279 LD A, PFDR AND A, #02 LD Y, A; store the level after writing to PxOR/PxDDR LD A, X; check for falling edge cp A, #02 jrne OUT TNZ Y jrne OUT LD A, sema; check the semaphore status if edge is detected CP A, #01 jrne OUT call call_routine; call the interrupt routine OUT:LD A,#00 LD sema, A .call_routine; entry to call_routine PUSH A PUSH X PUSH CC .ext1_rt; entry to interrupt routine LD A, #00 LD sema, A IRET Case 2: writing to PxOR or PxDDR with global interrupts disabled: SIM; set the interrupt mask LD A, PFDR AND A, #$02 LD X, A; store the level before writing to PxOR/PxDDR LD A, #$90 LD PFDDR, A; write into PFDDR LD A, #$ff LD PFOR, A; write to PFOR LD A, PFDR AND A, #$02 LD Y, A; store the level after writing to PxOR/PxDDR LD A, X; check for falling edge cp A, #$02 jrne OUT TNZ Y jrne OUT LD A, #$01 LD sema, A; set the semaphore to '1' if edge is detected RIM; reset the interrupt mask LD A, sema; check the semaphore status CP A, #$01 jrne OUT call call_routine; call the interrupt routine RIM OUT:RIM JP while_loop .call_routine; entry to call_routine PUSH A PUSH X |