| データシートサーチシステム |
|
ST72361J4-Auto データシート(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J4-Auto データシート(HTML) 106 Page - STMicroelectronics |
|
106 / 279 page ![]() 16-bit timer ST72361xx-Auto 106/279 Doc ID 12468 Rev 3 Figure 49. Counter timing diagram, internal clock divided by 2 Figure 50. Counter timing diagram, internal clock divided by 4 Figure 51. Counter timing diagram, internal clock divided by 8 Note: The MCU is in reset state when the internal reset signal is high, when it is low the MCU is running. 12.3.3 Input capture In this section, the index, i, may be 1 or 2 because there are two input capture functions in the 16-bit timer. The two 16-bit input capture registers (IC1R and IC2R) are used to latch the value of the free running counter after a transition is detected on the ICAPi pin (see Figure 5). ICiR register is a read-only register. CPU CLOCK FFFD FFFE FFFF 0000 0001 0002 0003 INTERNAL RESET TIMER CLOCK COUNTER REGISTER TIMER OVERFLOW FLAG (TOF) FFFC FFFD 0000 0001 CPU CLOCK INTERNAL RESET TIMER CLOCK COUNTER REGISTER TIMER OVERFLOW FLAG (TOF) CPU CLOCK INTERNAL RESET TIMER CLOCK COUNTER REGISTER TIMER OVERFLOW FLAG (TOF) FFFC FFFD 0000 MS Byte LS Byte ICiR ICiHR ICiLR |