データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L151F3 データシート(PDF) 103 Page - STMicroelectronics

部品番号 STM8L151F3
部品情報  Reset and supply management
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151F3 データシート(HTML) 103 Page - STMicroelectronics

Back Button STM8L151F3 Datasheet HTML 99Page - STMicroelectronics STM8L151F3 Datasheet HTML 100Page - STMicroelectronics STM8L151F3 Datasheet HTML 101Page - STMicroelectronics STM8L151F3 Datasheet HTML 102Page - STMicroelectronics STM8L151F3 Datasheet HTML 103Page - STMicroelectronics STM8L151F3 Datasheet HTML 104Page - STMicroelectronics STM8L151F3 Datasheet HTML 105Page - STMicroelectronics STM8L151F3 Datasheet HTML 106Page - STMicroelectronics STM8L151F3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
DocID018780 Rev 9
103/122
STM8L151x2, STM8L151x3
Package information
119
10
Package information
10.1
ECOPACK
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
10.2
LQFP48 package information
Figure 42. LQFP48 - 48-pin, 7 x 7 mm low-profile quad flat package outline
1. Drawing is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More