データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F042G4 データシート(PDF) 102 Page - STMicroelectronics

部品番号 STM32F042G4
部品情報  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042G4 データシート(HTML) 102 Page - STMicroelectronics

Back Button STM32F042G4 Datasheet HTML 98Page - STMicroelectronics STM32F042G4 Datasheet HTML 99Page - STMicroelectronics STM32F042G4 Datasheet HTML 100Page - STMicroelectronics STM32F042G4 Datasheet HTML 101Page - STMicroelectronics STM32F042G4 Datasheet HTML 102Page - STMicroelectronics STM32F042G4 Datasheet HTML 103Page - STMicroelectronics STM32F042G4 Datasheet HTML 104Page - STMicroelectronics STM32F042G4 Datasheet HTML 105Page - STMicroelectronics STM32F042G4 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
Package information
STM32F042x4 STM32F042x6
102/117
DocID025832 Rev 5
Figure 45. UFQFPN32 package outline
1. Drawing is not to scale.
2. All leads/pads should also be soldered to the PCB to improve the lead/pad solder joint life.
3. There is an exposed die pad on the underside of the UFQFPN package. This pad is used for the device
ground and must be connected. It is referred to as pin 0 in Table: Pin definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More