| データシートサーチシステム |
|
STM32F042C6 データシート(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F042C6 データシート(HTML) 112 Page - STMicroelectronics |
|
112 / 117 page ![]() Package information STM32F042x4 STM32F042x6 112/117 DocID025832 Rev 5 Each temperature range suffix corresponds to a specific guaranteed ambient temperature at maximum dissipation and, to a specific maximum junction temperature. As applications do not commonly use the STM32F042x4/x6 at maximum dissipation, it is useful to calculate the exact power consumption and junction temperature to determine which temperature range will be best suited to the application. The following examples show how to calculate the temperature range needed for a given application. |