| データシートサーチシステム |
|
STM32F765VI データシート(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765VI データシート(HTML) 141 Page - STMicroelectronics |
|
141 / 255 page ![]() DocID029041 Rev 4 141/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Electrical characteristics 224 Figure 28. High-speed external clock source AC timing diagram Table 42. Low-speed external user clock characteristics Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User External clock source frequency(1) - - 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage 0.7VDD -VDD V VLSEL OSC32_IN input pin low level voltage VSS - 0.3VDD tw(LSE) tf(LSE) OSC32_IN high or low time(1) 450 - - ns tr(LSE) tf(LSE) OSC32_IN rise or fall time(1) -- 50 Cin(LSE) OSC32_IN input capacitance(1) -- 5 - pF DuCy(LSE) Duty cycle - 30 - 70 % IL OSC32_IN Input leakage current VSS ≤ VIN ≤ VDD -- ±1 μA 1. Guaranteed by design. |