データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F779IIY7 データシート(PDF) 101 Page - STMicroelectronics

部品番号 STM32F779IIY7
部品情報  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F779IIY7 データシート(HTML) 101 Page - STMicroelectronics

Back Button STM32F779IIY7 Datasheet HTML 97Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 98Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 99Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 100Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 101Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 102Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 103Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 104Page - STMicroelectronics STM32F779IIY7 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 255 page
background image
Port G
PG8
-
-
-
-
-
SPI6_NS
S
-
SPDIF_R
X2
USART6
_RTS
--
ETH_PPS
_OUT
FMC_SD
CLK
-
LCD_G7
EVEN
TOUT
PG9
-
-
-
-
-
SPI1_MI
SO
-
SPDIF_R
X3
USART6
_RX
QUADSP
I_BK2_IO
2
SAI2_FS_
B
SDMMC2
_D0
FMC_NE
2/FMC_
NCE
DCMI_V
SYNC
-
EVEN
TOUT
PG10
-
-
-
-
-
SPI1_NS
S/I2S1_
WS
-
-
-
LCD_G3
SAI2_SD_
B
SDMMC2
_D1
FMC_NE
3
DCMI_D
2
LCD_B2
EVEN
TOUT
PG11
-
-
-
-
-
SPI1_SC
K/I2S1_
CK
-
SPDIF_R
X0
--
SDMMC2
_D2
ETH_MII_
TX_EN/E
TH_RMII_
TX_EN
-
DCMI_D
3
LCD_B3
EVEN
TOUT
PG12
-
-
-
LPTIM1_I
N1
-
SPI6_MI
SO
-
SPDIF_R
X1
USART6
_RTS
LCD_B4
-
SDMMC2
_D3
FMC_NE
4
-
LCD_B1
EVEN
TOUT
PG13
TRACED
0
--
LPTIM1_
OUT
-
SPI6_SC
K
--
USART6
_CTS
--
ETH_MII_
TXD0/ET
H_RMII_T
XD0
FMC_A2
4
-
LCD_R0
EVEN
TOUT
PG14
TRACED
1
--
LPTIM1_E
TR
-
SPI6_M
OSI
--
USART6
_TX
QUADSP
I_BK2_IO
3
-
ETH_MII_
TXD1/ET
H_RMII_T
XD1
FMC_A2
5
-
LCD_B0
EVEN
TOUT
PG15
-
-
-
-
-
-
-
-
USART6
_CTS
--
-
FMC_SD
NCAS
DCMI_D
13
-
EVEN
TOUT
Table 12. STM32F777xx, STM32F778Ax and STM32F779xx alternate
function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
I2C4/UA
RT5/TIM
1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/DFSDM
1/CEC
I2C1/2/3/
4/USART
1/CEC
SPI1/I2S
1/SPI2/I2
S2/SPI3/
I2S3/SPI
4/5/6
SPI2/I2S
2/SPI3/I2
S3/SAI1/
I2C4/UA
RT4/DF
SDM1
SPI2/I2S
2/SPI3/I2
S3/SPI6/
USART1/
2/3/UART
5/DFSDM
1/SPDIF
SPI6/SAI
2/USART
6/UART4/
5/7/8/OT
G_FS/SP
DIF
CAN1/2/T
IM12/13/
14/QUAD
SPI/FMC/
LCD
SAI2/QU
ADSPI/S
DMMC2/D
FSDM1/O
TG2_HS/
OTG1_FS
/LCD
I2C4/CAN
3/SDMM
C2/ETH
UART7/
FMC/SD
MMC1/M
DIOS/OT
G2_FS
DCMI/L
CD/DSI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More