データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIT-13091 データシート(PDF) 3 Page - SparkFun Electronics

部品番号 KIT-13091
部品情報  Pi Wedge B Hookup Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPARKFUN [SparkFun Electronics]
ホームページ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

KIT-13091 データシート(HTML) 3 Page - SparkFun Electronics

  KIT-13091 Datasheet HTML 1Page - SparkFun Electronics KIT-13091 Datasheet HTML 2Page - SparkFun Electronics KIT-13091 Datasheet HTML 3Page - SparkFun Electronics KIT-13091 Datasheet HTML 4Page - SparkFun Electronics KIT-13091 Datasheet HTML 5Page - SparkFun Electronics KIT-13091 Datasheet HTML 6Page - SparkFun Electronics KIT-13091 Datasheet HTML 7Page - SparkFun Electronics KIT-13091 Datasheet HTML 8Page - SparkFun Electronics KIT-13091 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
In addition to the physical issues of using the I/O connector, getting started
with a brand new Raspberry Pi B+ always seems to involve a chicken-and-
egg situation. We just want to SSH into it, so we can use the command line.
But in order to SSH to it, we need to know it’s IP address…and of course,
the IP address is most easily learned by running ifconfig on the
command line.
The Solution
Meet the Pi Wedge B+
The Pi Wedge B+ connects to the 40-pin GPIO connector, and breaks out
the pins in a breadboard-friendly arrangement and spacing. It adds a pair of
decoupling capacitors on the power supply lines, and it makes the initial
bringup process easier - you can plug an FTDI Basic module into the serial
port.
Assembly
The Pi Wedge B+ comes to you as loose parts, which you need to
assemble before you can use it. The following steps will guide you through
that process.
Kit Contents
Let’s start by reviewing the contents of the Pi Wedge B+ kit.
Pi Wedge parts
You should have the following parts.
• Pi Wedge B+ PCB
• 40-pin shrouded header
• Two 17-pin straight headers
• Two 10 uF 25V electrolytic capacitors
• 6-pin straight header
• Ribbon cable
Instructions
Page 3 of 14


同様の部品番号 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
More results

同様の説明 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOB-13717 SPARKFUN-BOB-13717 Datasheet
435Kb / 9P
Preassembled 40-pin Pi Wedge Hookup Guide
CEL-13120 SPARKFUN-CEL-13120 Datasheet
914Kb / 22P
Cellular Shield Hookup Guide
DEV-12935 SPARKFUN-DEV-12935 Datasheet
175Kb / 5P
FTDI SmartBasic Hookup Guide
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
CAN-Bus Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
Photon OLED Shield Hookup Guide
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
TeensyView Hookup Guide
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
WiFi Shield Hookup Guide
MPL3115A2 SPARKFUN-MPL3115A2 Datasheet
544Kb / 6P
MPL3115A2 Pressure Sensor Hookup Guide
2/12/2015
GPS-18443 SPARKFUN-GPS-18443 Datasheet
6Mb / 33P
SparkFun RTK Surveyor Hookup Guide
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
Roshamglo Hookup Guide
3/22/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com