データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIT-13091 データシート(PDF) 7 Page - SparkFun Electronics

部品番号 KIT-13091
部品情報  Pi Wedge B Hookup Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPARKFUN [SparkFun Electronics]
ホームページ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

KIT-13091 データシート(HTML) 7 Page - SparkFun Electronics

Back Button KIT-13091 Datasheet HTML 3Page - SparkFun Electronics KIT-13091 Datasheet HTML 4Page - SparkFun Electronics KIT-13091 Datasheet HTML 5Page - SparkFun Electronics KIT-13091 Datasheet HTML 6Page - SparkFun Electronics KIT-13091 Datasheet HTML 7Page - SparkFun Electronics KIT-13091 Datasheet HTML 8Page - SparkFun Electronics KIT-13091 Datasheet HTML 9Page - SparkFun Electronics KIT-13091 Datasheet HTML 10Page - SparkFun Electronics KIT-13091 Datasheet HTML 11Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Changes With the B+
The Raspberry Pi foundation introduced a number of changes with the B+.
The changes include
• 40 pin GPIO connector in place of the B’s 26 pin connector. It adds
◦ Nine more GPIO pins
◦ ID_SC and ID_SD pins to identify external peripherals
• Regulated audio power supply
• 4 USB ports
• Micro SD slot, replacing the full-size SD slot on the B.
An Extra I2C bus?
As part of the B+ improvemets, the Raspberry Pi Foundation has
standardized the specification for add-on boards, in what they call the
“Hardware Added On Top” (HAT) specification. It standardizes the physical
form factor for add-on boards, and includes a provision for the B+ to
automatically identify and initialize HATs at startup. It uses an I2C bus to
read a description from an EEPROM on the HAT, similar to cape
identification on the Beagle Bone Black.
This I2C bus is implemented with the ID_SC and ID_SD pins (pins 27 and
28 of thev 40-pin connector) - but before you get too excited about adding
peripherals on that bus, observe the note in the schematic for that port.
This is further clarified in the HAT design guide
On a Model B+, GPIO0 (ID_SD) and GPIO1 (ID_SC)
will be switched to ALT0 (I2C-0) mode and probed for
an EEPROM. These pins will revert to inputs once the
probe sequence has completed.
The only allowed connections to the ID_ pins are an
ID EEPROM plus 3.9K pull up resistors. Do not
connect anything else to these pins!
So if you want I2C on the B+, you’ll need to use I2C-1, on pins 3 and 5 of
the 40-pin connector, marked SDA and SCL on the Pi Wedge B+.
The HAT specifications and other information are hosted on GitHub. If
you’re designing a HAT, you’ll want to start by reading the HAT Design
Guide, and possibly perusing the B+ addons forum.
Signal Location
The Pi Wedge reorganizes the I/O pins on the Pi, putting similar functions
on adjacent pins. The SPI, I2C and UART signals are all grouped near
each other.
Page 7 of 14


同様の部品番号 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
More results

同様の説明 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOB-13717 SPARKFUN-BOB-13717 Datasheet
435Kb / 9P
Preassembled 40-pin Pi Wedge Hookup Guide
CEL-13120 SPARKFUN-CEL-13120 Datasheet
914Kb / 22P
Cellular Shield Hookup Guide
DEV-12935 SPARKFUN-DEV-12935 Datasheet
175Kb / 5P
FTDI SmartBasic Hookup Guide
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
CAN-Bus Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
Photon OLED Shield Hookup Guide
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
TeensyView Hookup Guide
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
WiFi Shield Hookup Guide
MPL3115A2 SPARKFUN-MPL3115A2 Datasheet
544Kb / 6P
MPL3115A2 Pressure Sensor Hookup Guide
2/12/2015
GPS-18443 SPARKFUN-GPS-18443 Datasheet
6Mb / 33P
SparkFun RTK Surveyor Hookup Guide
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
Roshamglo Hookup Guide
3/22/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com