データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIT-13091 データシート(PDF) 8 Page - SparkFun Electronics

部品番号 KIT-13091
部品情報  Pi Wedge B Hookup Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPARKFUN [SparkFun Electronics]
ホームページ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

KIT-13091 データシート(HTML) 8 Page - SparkFun Electronics

Back Button KIT-13091 Datasheet HTML 4Page - SparkFun Electronics KIT-13091 Datasheet HTML 5Page - SparkFun Electronics KIT-13091 Datasheet HTML 6Page - SparkFun Electronics KIT-13091 Datasheet HTML 7Page - SparkFun Electronics KIT-13091 Datasheet HTML 8Page - SparkFun Electronics KIT-13091 Datasheet HTML 9Page - SparkFun Electronics KIT-13091 Datasheet HTML 10Page - SparkFun Electronics KIT-13091 Datasheet HTML 11Page - SparkFun Electronics KIT-13091 Datasheet HTML 12Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Functional Groupings
The pins are labeled, though the labels are short to fit the space available
on the PCB. The UART, SPI and I2C pins are marked with their
communication bus functions, but they can also available as GPIO pins
when configured in that mode.
The following table denotes the assignment of signals on the Pi Wedge,
including the peripheral and alternate GPIO assignments where
appropriate.
Function
GPIO#
Function
GPIO#
GPIO 17
GPIO18
GPIO 16
GPIO19
GPIO 13
GPIO 20
GPIO 12
GPIO 21
GPIO 6
GPIO 22
GPIO 5
GPIO 23
GPIO 4
GPIO 24
SPI CE 1
GPIO 7
GPIO 25
SPI CE 0
GPIO 8
GPIO 26
SPI MOSI
GPIO 10
GPIO 27
SPI MISO
GPIO 9
SCL
GPIO 3
SPI CLK
GPIO 11
SDA
GPIO 2
UART RXI
GPIO 15
ID SC
GPIO 0
UART TXI
GPIO 14
ID SD
GPIO 1
5V
5V
3.3V
3.3V
GROUND
GROUND
Pi Wedge B+ Pin-Function mapping
Power And Logic Levels
Understanding the Pi’s power supply is critical to using it successfully.
The Raspberry Pi B+ is more efficient than it’s predecessors, as it replaces
the former chain of linear power regulators with switching regulators.
Consulting the Raspberry Pi B+ power schematic, we see that 5V comes
into the the board via connector J1 - it’s a micro USB connector, but only
the power and ground pins are connected. The 5V coming from this
connector passes through a fuse and a transistor circuit that protects
against power polarity mishaps, then continues around the board without
any further regulation. The 5V connections on the Pi Wedge come straight
from this line.
On the B+, the 5V goes to a dual switching regulator that further reduces it
Page 8 of 14


同様の部品番号 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
More results

同様の説明 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOB-13717 SPARKFUN-BOB-13717 Datasheet
435Kb / 9P
Preassembled 40-pin Pi Wedge Hookup Guide
CEL-13120 SPARKFUN-CEL-13120 Datasheet
914Kb / 22P
Cellular Shield Hookup Guide
DEV-12935 SPARKFUN-DEV-12935 Datasheet
175Kb / 5P
FTDI SmartBasic Hookup Guide
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
CAN-Bus Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
Photon OLED Shield Hookup Guide
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
TeensyView Hookup Guide
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
WiFi Shield Hookup Guide
MPL3115A2 SPARKFUN-MPL3115A2 Datasheet
544Kb / 6P
MPL3115A2 Pressure Sensor Hookup Guide
2/12/2015
GPS-18443 SPARKFUN-GPS-18443 Datasheet
6Mb / 33P
SparkFun RTK Surveyor Hookup Guide
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
Roshamglo Hookup Guide
3/22/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com