データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIT-13091 データシート(PDF) 9 Page - SparkFun Electronics

部品番号 KIT-13091
部品情報  Pi Wedge B Hookup Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPARKFUN [SparkFun Electronics]
ホームページ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

KIT-13091 データシート(HTML) 9 Page - SparkFun Electronics

Back Button KIT-13091 Datasheet HTML 5Page - SparkFun Electronics KIT-13091 Datasheet HTML 6Page - SparkFun Electronics KIT-13091 Datasheet HTML 7Page - SparkFun Electronics KIT-13091 Datasheet HTML 8Page - SparkFun Electronics KIT-13091 Datasheet HTML 9Page - SparkFun Electronics KIT-13091 Datasheet HTML 10Page - SparkFun Electronics KIT-13091 Datasheet HTML 11Page - SparkFun Electronics KIT-13091 Datasheet HTML 12Page - SparkFun Electronics KIT-13091 Datasheet HTML 13Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
to 3.3v, and 1.8V. The regulated 3.3V is present on the I/O connector.
There are several power strategies that can be applied in a Pi deployment,
depending on the overall needs and availability.
Power Through the B+ GPIO Connector
The most obvious strategy is to power external circuitry directly from the
B+, using the 5V and 3.3V from the GPIO connector.
To power small circuits on your breadboard, you can run jumpers from the
5V or 3.3V and Ground pins on the wedge to the power rails on the
breadboard.
Jumpering power to the breadboard rails
While this is the most immediate way to access power, it only extends to
small circuits. The B+ itself is limited to 2A total from the 5V line, most of
which is needed by the B+ itself. The stated limit for the 3.3V pins is 50 mA.
If you’re developing external circuitry, and the B+ resets when you’re testing
it, you may be exceeding the current limits. We saw this exact situation
arise as we added SPI controlled 7-segment LED displays - if we
illuminated one too many segments, the system crashed. For circuits with
higher power draw, we’ll need to explore some alternatives.
Daisy Chaining
The next power option is to connect each section of the circuit directly to
the power supply. This means that the peripherals aren’t constrained by the
current limits of the fuses and regulators on the Pi itself.
The peripherals are powered directly by the supply directly
For peripherals that use 5V logic, they should also include 3.3V/5V logic
Page 9 of 14


同様の部品番号 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
KIT-13094 SPARKFUN-KIT-13094 Datasheet
126Kb / 2P
SparkFun Sensor Pack for Intel짰 Edison
10/23/2015
More results

同様の説明 - KIT-13091

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOB-13717 SPARKFUN-BOB-13717 Datasheet
435Kb / 9P
Preassembled 40-pin Pi Wedge Hookup Guide
CEL-13120 SPARKFUN-CEL-13120 Datasheet
914Kb / 22P
Cellular Shield Hookup Guide
DEV-12935 SPARKFUN-DEV-12935 Datasheet
175Kb / 5P
FTDI SmartBasic Hookup Guide
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
CAN-Bus Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
Photon OLED Shield Hookup Guide
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
TeensyView Hookup Guide
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
WiFi Shield Hookup Guide
MPL3115A2 SPARKFUN-MPL3115A2 Datasheet
544Kb / 6P
MPL3115A2 Pressure Sensor Hookup Guide
2/12/2015
GPS-18443 SPARKFUN-GPS-18443 Datasheet
6Mb / 33P
SparkFun RTK Surveyor Hookup Guide
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
Roshamglo Hookup Guide
3/22/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com