データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2547 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2547
部品情報  USB Charging Port Controller and 3-Amp Power Switch With Load Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2547 データシート(HTML) 10 Page - Texas Instruments

Back Button TPS2547 Datasheet HTML 6Page - Texas Instruments TPS2547 Datasheet HTML 7Page - Texas Instruments TPS2547 Datasheet HTML 8Page - Texas Instruments TPS2547 Datasheet HTML 9Page - Texas Instruments TPS2547 Datasheet HTML 10Page - Texas Instruments TPS2547 Datasheet HTML 11Page - Texas Instruments TPS2547 Datasheet HTML 12Page - Texas Instruments TPS2547 Datasheet HTML 13Page - Texas Instruments TPS2547 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
0
60
10
40
20
50
0.01
1
Frequency - GHz
0.1
10
30
0
60
10
40
20
50
0.01
1
Frequency - GHz
0.1
10
30
80
70
-20
0
-20
-10
-15
-5
0.01
1
Frequency - GHz
0.1
10
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9
10
Sinking Current (mA)
TJ = −40°C
TJ = 25°C
TJ = 125°C
VIN = 4.5 V
G009
160
170
180
190
200
210
220
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
Device configured for CDP
G007
180
190
200
210
220
230
240
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
Device configured for DCP AUTO
G008
10
TPS2547
SLVSE11A – MAY 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: TPS2547
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Enabled in Supply Current - CDP vs Temperature
Figure 8. Enabled in Supply Current - DCP Auto
vs Temperature
Figure 9. Status and Fault Output Low Voltage
vs Sinking Current
Figure 10. Data Transmission Characteristics vs Frequency
Figure 11. OFF-State Data Switch Isolation vs Frequency
Figure 12. ON-State Cross-Channel Isolation vs Frequency


同様の部品番号 - TPS2547

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
USB Charging Port Power Switch and Controller
TPS2540 TI-TPS2540 Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
TPS2540A TI-TPS2540A Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
TPS2540ARTER TI-TPS2540ARTER Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
TPS2540ARTET TI-TPS2540ARTET Datasheet
1Mb / 40P
USB Charging Port Power Switch and Controller
More results

同様の説明 - TPS2547

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
USB-Charging Port Controller and Power Switch With Load Detection
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com