データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS-12G01 データシート(PDF) 3 Page - C&K Components

部品番号 PS-12G01
部品情報  Latching pushbutton
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G01 データシート(HTML) 3 Page - C&K Components

  PS-12G01 Datasheet HTML 1Page - C&K Components PS-12G01 Datasheet HTML 2Page - C&K Components PS-12G01 Datasheet HTML 3Page - C&K Components PS-12G01 Datasheet HTML 4Page - C&K Components PS-12G01 Datasheet HTML 5Page - C&K Components PS-12G01 Datasheet HTML 6Page - C&K Components PS-12G01 Datasheet HTML 7Page - C&K Components PS-12G01 Datasheet HTML 8Page - C&K Components PS-12G01 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
A-137
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
PS-22 Series
Subminiature Pushbutton Switches
Features/Benefits
Compact miniature push switch
Momentary or latching options
Shorting or non-shorting
DPDT
Typical Applications
Industrial
Automotive
Audio and visual equipment
LOCK TRAVEL
2.0±0.15 FULL TRAVEL
2.0
2.0
1.6
2.0
+0.3
1.0 -0.0
4.0
7.0
0.30
5
2.6
3.0
0.6
6-Ø0.9
2
2
PIERCING PLAN
Dimensions
FOOTPRINT: 7.0 x 7.0 mm
HEIGHT: 12.5 mm
Specifications
CONTACT RATING: 0.1A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE:
200 ± 100 gf (1.96 ± 0.98N)
LOCK TRAVEL: 1 mm
TOTAL TRAVEL: 2 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM Black
HOUSING: PA Black
COVER: POM Grey (latch) / White (Mom)
TERMINAL: Brass, silver plated
CONTACT CLIP: Phosphor bronze., silver plated
SPRING: Stainless steel
HOOK LOCK: Stainless steel (latch)
SCHEMATIC
PACKAGING
PART NUMBER
PS-2203-L NS PA
PS-2203-F NS PA
1,000 pieces
1,000 pieces
2
1


同様の部品番号 - PS-12G01

メーカー部品番号データシート部品情報
logo
C&K Components
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
   Pushbutton Switches
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
More results

同様の説明 - PS-12G01

メーカー部品番号データシート部品情報
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
ZB4BS844 SCHNEIDER-ZB4BS844 Datasheet
132Kb / 8P
   red 횠40 Emergency stop pushbutton head 횠22 trigger and latching turn release
logo
Hongfa Technology
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
   Latching relay
logo
Adam Technologies, Inc.
MHR-XX-VUAS-SMT-MP ADAM-TECH-MHR-XX-VUAS-SMT-MP Datasheet
96Kb / 1P
   LATCHING HEDAER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com