データシートサーチシステム |
|
PS-12G01 データシート(PDF) 4 Page - C&K Components |
|
PS-12G01 データシート(HTML) 4 Page - C&K Components |
4 / 16 page 0.3 3.1 6-Ø1 4.5 2 2 0.6 2 2 3.6 5.8 PIERCING PLAN PS-22 Series Subminiature Pushbutton Switches A-138 Dimensions are shown: mm Specifications and dimensions subject to change www.ck-components.com A Dimensions FOOTPRINT: 5.8 x 5.8 mm HEIGHT: 7.5 mm Specifications CONTACT RATING: 0.1A @ 30 VDC INITIAL CONTACT RESISTANCE: 80 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 150 ± 50 gf (1.47 ± 0.49N) LOCK TRAVEL: 1.45 mm TOTAL TRAVEL: 2.3 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM Natural (latch) / PA black HOUSING: PA Black COVER: PA Black TERMINAL: Brass, silver plated CONTACT CLIP: Phosphor bronze, silver clad SPRING: Stainless steel HOOK LOCK: Stainless steel (latch) Dimensions FOOTPRINT: 8.0 x 8.0 mm HEIGHT: 13.5 mm Specifications CONTACT RATING: 0.1A @ 30 VDC INITIAL CONTACT RESISTANCE: 70 m ohms max. INSULATION RESISTANCE: 100 M ohms min. DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open terminals and between the frame and terminal. OPERATING LIFE: 10,000 cycles with load OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N) LOCK TRAVEL: 1.5 mm TOTAL TRAVEL: 2.5 mm OPERATING TEMPERATURE: -20˚C to 70˚C Materials KNOB: POM Black HOUSING: PA Black COVER: POM Grey (latch) / White (Mom) TERMINAL: Brass, silver plated CONTACT CLIP: Phosphor bronze., silver plated SPRING: Stainless steel HOOK LOCK: Stainless steel (latch) SCHEMATIC PACKAGING PART NUMBER PS-2206-L NS PA PS-2206-F NS PA 1,000 pieces 1,000 pieces SCHEMATIC PACKAGING PART NUMBER PS-2214-L NS PA PS-2214-F NS PA 1,000 pieces 1,000 pieces 2 1 6-Ø0.8 HOLES 6 5 4 3 2 1 1 4 2 3 5 6 2 1 K DETAIL 2 : 1 SCHEMATIC PIERCING PLAN 8 2 4 0.6 2.5 2.5 1.5±0.2 Lock travel 2.5±0.2 Full travel 1.6 3 2 3 4 6 2.5 2.5 0.3 K 2 P - 2 T 6-Ø0.8 HOLES 6 5 4 3 2 1 1 4 2 3 5 6 2 1 K DETAIL 2 : 1 SCHEMATIC PIERCING PLAN 8 2 4 0.6 2.5 2.5 1.5±0.2 Lock travel 2.5±0.2 Full travel 1.6 3 2 3 4 6 2.5 2.5 0.3 K 2 P - 2 T |
同様の部品番号 - PS-12G01 |
|
同様の説明 - PS-12G01 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |