データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS-12G01 データシート(PDF) 7 Page - C&K Components

部品番号 PS-12G01
部品情報  Latching pushbutton
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G01 データシート(HTML) 7 Page - C&K Components

Back Button PS-12G01 Datasheet HTML 3Page - C&K Components PS-12G01 Datasheet HTML 4Page - C&K Components PS-12G01 Datasheet HTML 5Page - C&K Components PS-12G01 Datasheet HTML 6Page - C&K Components PS-12G01 Datasheet HTML 7Page - C&K Components PS-12G01 Datasheet HTML 8Page - C&K Components PS-12G01 Datasheet HTML 9Page - C&K Components PS-12G01 Datasheet HTML 10Page - C&K Components PS-12G01 Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
A-141
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
S2
S1
COMAX
S3
PIERCING PLAN
2-ø1.6
+0.05
0
26.9±0.05
2.0±0.05
SCHEMATIC
20.5
5.1
10.4
5.0
6.1
4.5
2-5.0+0.1
-0.15
2-1.0±0.1
2-8.0+0.1
-0.2
(C-0.25)
H
5.0±0.1
1.0±0.1
2 2 2
3.8
3.2
K
J
TYP.4
27.0±0.2
22.5±0.2
7.2
7.2
2-0.8±0.1
2-Ø1.5±0.05
20.5
(R1.0)
(R0.6)
1.0
5.0
9.4
t=1.2mm: 2.0 x 8.2mm
4.0
2-1.7
2-1.0
2-90°
4-C0.1
J
5:1
0.3
0.6±0.05
H
2.5:1
2-1.4
2-1.5
2.5:1
K
A
A
2:1
A-A
12
3
4
S1
S2
S3
4
3
2
1
b
b
PS Series
Miniature Pushbutton Switches
Specifications
CONTACT RATING: 100 µ A @ 3 VDC min. /
10mA @ 5 VDC max
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 250 V AC (50-60 Hz)
between open terminals and between the
frame and terminal.
OPERATING LIFE: 100,000 cycles with load
OPERATING FORCE: 80 ± 20 gf (0.784 ± 0.196N)
PRE-TRAVEL: 1.5 ± 0.3 mm
OVER-TRAVEL: 3.5 ± 0.3 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 65˚C
Materials
KNOB: POM (UL 94HB)
COVER: PA (UL 94V-0)
HOUSING: PA (UL 94V-0)
SPRING: SUS
TERMINAL: Silver plated
PS-32C02-F NS 1P3T NON-SHORTING
Specifications
CONTACT RATING: 100 µ A @ 3 VDC min. /
10mA @ 5 VDC max
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 250 V AC (50-60 Hz) between
open terminals and between the frame and terminal.
OPERATING LIFE: 100,000 cycles with load
OPERATING FORCE: 80 ± 20 gf (0.784 ± 0.196N)
PRE-TRAVEL: 1.5 ± 0.3 mm
OVER-TRAVEL: 3.5 ± 0.3 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 65˚C
Materials
KNOB: POM (UL 94HB)
COVER: PA (UL 94V-0)
HOUSING: PA (UL 94V-0)
SPRING: SUS
TERMINAL: Silver plated
PS-42C02-F NS 1P4T NON-SHORTING
2:1
1.0
5.0
9.4
A
A
A-A
2.5:1
K
2-90°
2-1.0
2-1.7
6.0
4-C0.1
J
5:1
0.3
0.6
H
2.5:1
2-1.4
2-1.5
22 2
2
H
S4
S3
S2
S1
PIERCING PLAN
SCHEMATIC
2-ø1.6
+0.05
0
34.1±0.05
2.3±0.05
3.8±0.05
t=1.0mm: 2.3 x 8.2mm
t=1.2mm: 3.8 x 8.2mm
27.7
(R1.0)
(R0.6)
34.2+0.60
0
7.2
7.2
7.2
29.7
2-Ø1.5±0.05
1.0±0.1
5.0±0.1
K
J
TYP.5
3.2
3.8
2-5.0 +0.1
-0.15
2-8.0 +0.1
-0.2
2-1.0±0.1
6.1
20.5
5.0
10.4
5.1
4.5
2-0.8±0.10
COMAX
(C0.25)
12
5
3
4
S1
S2
S3
S4
4
3
5
2
1


同様の部品番号 - PS-12G01

メーカー部品番号データシート部品情報
logo
C&K Components
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
   Pushbutton Switches
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
More results

同様の説明 - PS-12G01

メーカー部品番号データシート部品情報
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
ZB4BS844 SCHNEIDER-ZB4BS844 Datasheet
132Kb / 8P
   red 횠40 Emergency stop pushbutton head 횠22 trigger and latching turn release
logo
Hongfa Technology
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
   Latching relay
logo
Adam Technologies, Inc.
MHR-XX-VUAS-SMT-MP ADAM-TECH-MHR-XX-VUAS-SMT-MP Datasheet
96Kb / 1P
   LATCHING HEDAER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL