データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PS-12G01 データシート(PDF) 8 Page - C&K Components

部品番号 PS-12G01
部品情報  Latching pushbutton
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G01 データシート(HTML) 8 Page - C&K Components

Back Button PS-12G01 Datasheet HTML 4Page - C&K Components PS-12G01 Datasheet HTML 5Page - C&K Components PS-12G01 Datasheet HTML 6Page - C&K Components PS-12G01 Datasheet HTML 7Page - C&K Components PS-12G01 Datasheet HTML 8Page - C&K Components PS-12G01 Datasheet HTML 9Page - C&K Components PS-12G01 Datasheet HTML 10Page - C&K Components PS-12G01 Datasheet HTML 11Page - C&K Components PS-12G01 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
COMAX
2P - 2T
K DETAIL 2 : 1
K
4
3.7
2.5
2.5
6-Ø0.8
12
2-Ø1.35
1
1.3
R0.8
PIERCING PLAN
SCHEMATIC
9.2
10
3
2-R0.9
2-R0.3
OVERALL TRAVEL
2.5
0.4
0.4
5.5
8.6
R0.3
1.3
0.5
2.5
2.5
3.7
4
A-142
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
PS Series
Miniature Pushbutton Switches
COMAX
2P - 2T
9.2
10
3
2-R0.9
2-R0.3
0.5
1.3
2.5
2.5
4
3.7
7.7
R0.3
0.4
0.4
5.5
8.6
K DETAIL 8 : 1
K
1.5
LOCK TRAVEL
OVERALL TRAVEL
3.0
b
6-Ø0.8
12
2-Ø1.35
2.5
2.5
3.7
4
R0.4
1.3
1
SCHEMATIC
PIERCING PLAN
PS-22C08-G10 NS DPDT NON-SHORTING
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles without load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
LOCK TRAVEL: 1.5 ± 0.3 mm
OVER-TRAVEL: 3 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SPCC
KNOB: POM (UL 94HB)
CONTACT: Silver plated
SPRING: SUS
TERMINAL: Silver plated
PS-22E08-G10 NS DPDT NON-SHORTING
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles without load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
TOTAL TRAVEL: 2.5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SPCC
KNOB: POM (UL 94HB)
CONTACT: Silver plated
SPRING: SUS
TERMINAL: Silver plated


同様の部品番号 - PS-12G01

メーカー部品番号データシート部品情報
logo
C&K Components
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
   Pushbutton Switches
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
More results

同様の説明 - PS-12G01

メーカー部品番号データシート部品情報
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
ZB4BS844 SCHNEIDER-ZB4BS844 Datasheet
132Kb / 8P
   red 횠40 Emergency stop pushbutton head 횠22 trigger and latching turn release
logo
Hongfa Technology
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
   Latching relay
logo
Adam Technologies, Inc.
MHR-XX-VUAS-SMT-MP ADAM-TECH-MHR-XX-VUAS-SMT-MP Datasheet
96Kb / 1P
   LATCHING HEDAER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com