データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RAJ240090 データシート(PDF) 8 Page - Renesas Technology Corp

部品番号 RAJ240090
部品情報  Ultra-low power consumption technology
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAJ240090 データシート(HTML) 8 Page - Renesas Technology Corp

Back Button RAJ240090 Datasheet HTML 4Page - Renesas Technology Corp RAJ240090 Datasheet HTML 5Page - Renesas Technology Corp RAJ240090 Datasheet HTML 6Page - Renesas Technology Corp RAJ240090 Datasheet HTML 7Page - Renesas Technology Corp RAJ240090 Datasheet HTML 8Page - Renesas Technology Corp RAJ240090 Datasheet HTML 9Page - Renesas Technology Corp RAJ240090 Datasheet HTML 10Page - Renesas Technology Corp RAJ240090 Datasheet HTML 11Page - Renesas Technology Corp RAJ240090 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
RAJ240090/RAJ240100
CHAPTER 1
OUTLINE
R01DS0301EJ0001
Rev.0.01
Page 8 of 69
Sep 29, 2016
Under development
This specification is a provisional specification may be changed in the future
1.4
Block diagram
System block diagram
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
VIN9 Note
VIN10 Note
PACK-
NTC
P00
P01
P02
P03
P04
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P20
P21
P22
P23
P40/TOOL0
P60
P61
P62
P63
P122
P123/XT1
P124/XT2
P137
RESET
REGC
VSS
VDD
SR
CREG2F
CREG2S
HVP0
HVP1
HVP2
SCP
RESETOUT
CREG2
PACK+
PowerOn
RAJ240100
ΣA/D Converter
15bit
Simple temperature
sensor
Cell Conditioning
MUX
HV-GPIO
Current Integration
18bit ⊿
ΣADC
Current Detection
FET Control
C2C interface
(slave)
Reset
Series Regulator
3.3V
RL78 CPU
Data Flash
1KB x4
Flash Memory
128KB
OnChipOscillator
RAM
7KB
CSI x2
I2C x1
Simplified I2C x2
UART x2
CAN x1
WDT
Ext. Interrupt Port
x8
Timer
16bit x6
12bit x1(Interval)
RTC
DTC
8/10bit SAR ADC
POR
MCU
C2C interface
(master)
AFE
Note
VIN10 pin and VIN9 pin are applicable just to RAJ240100.
Caution
This example of a peripheral circuit does not guarantee the operation of this IC. Evaluate the operation
adequately with actual applications, and then determine the circuits and constants.


同様の部品番号 - RAJ240090

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 153P
   Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
RAJ240090 RENESAS-RAJ240090 Datasheet
2Mb / 147P
   16-Cell Battery Front End
Feb 3, 2022
RAJ240090 RENESAS-RAJ240090 Datasheet
1Mb / 60P
   4 to 10 Cell Battery Front End and Protector
Jul 27, 2022
RAJ240090 RENESAS-RAJ240090 Datasheet
3Mb / 85P
   3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
   3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
More results

同様の説明 - RAJ240090

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RL78-G1F RENESAS-RL78-G1F Datasheet
1Mb / 143P
   Ultra-low power consumption technology
RL78-G1G RENESAS-RL78-G1G Datasheet
837Kb / 70P
   Ultra-low power consumption technology
RL78-I1E RENESAS-RL78-I1E Datasheet
1Mb / 111P
   Ultra-low power consumption technology
RL78-I1D RENESAS-RL78-I1D Datasheet
977Kb / 102P
   Ultra-low power consumption technology
RL78-L13 RENESAS-RL78-L13 Datasheet
1Mb / 126P
   Ultra-low power consumption technology
logo
ATMEL Corporation
SAM4L ATMEL-SAM4L_14 Datasheet
2Mb / 176P
   Technology for Ultra-low Power Consumption
logo
Taoglas antenna solutio...
AP.10G.01 TAOGLAS-AP.10G.01 Datasheet
724Kb / 12P
   Ultra low power consumption
logo
List of Unclassifed Man...
N20M-BM ETC2-N20M-BM Datasheet
305Kb / 1P
   Ultra low power consumption
logo
Laird Tech Smart Techno...
LT1110 LSTD-LT1110 Datasheet
922Kb / 2P
   Ultra-low power consumption
logo
Taoglas antenna solutio...
AP.10E.07.0039B TAOGLAS-AP.10E.07.0039B Datasheet
401Kb / 13P
   Ultra low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com