| データシートサーチシステム |
|
HT66F4530 データシート(PDF) 114 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F4530 データシート(HTML) 114 Page - Holtek Semiconductor Inc |
|
114 / 224 page ![]() Rev. 1.00 114 De�e��e� �1� �01� Rev. 1.00 115 De�e��e� �1� �01� HT66F4530/HT66F4540/HT66F4550 A/D Flash MCU with Dual Operational Amplifiers HT66F4530/HT66F4540/HT66F4550 A/D Flash MCU with Dual Operational Amplifiers Counter Value 0x3FF CCRP CCRA PTnON PTnPAU PTnPOL CCRP Int. Flag PTMnPF CCRA Int. Flag PTMnAF PTMn O/P Pin Time CCRA=0 CCRA = 0 Counte� ove�flow CCRA > 0 Counte� �lea�ed �y CCRA value Pause Resu�e Stop Counte� Resta�t PTnCCLR = 1; PTnM[1:0] = 00 Output pin set to initial Level Low if PTnOC=0 Output Toggle with PTMnAF flag Note PTnIO [1:0] = 10 A�tive High Output sele�t He�e PTnIO [1:0] = 11 Toggle Output sele�t Output not affe�ted �y PTMnAF flag. Re�ains High until �eset �y PTnON �it Output Pin Reset to Initial value Output �ont�olled �y othe� pin-sha�ed fun�tion Output Inve�ts when PTnPOL is high PTMnPF not gene�ated No PTMnAF flag gene�ated on CCRA ove�flow Output does not �hange Compare Match Output Mode – PTnCCLR=1 (n=0 or 1) Note:1.WithPTnCCLR=1aComparatorAmatchwillclearthecounter 2.ThePTMnoutputpiniscontrolledonlybythePTMnAFflag 3.TheoutputpinisresettoitsinitialstatebyaPTnONbitrisingedge 4.APTMnPFflagisnotgeneratedwhenPTnCCLR=1 |