| データシートサーチシステム |
|
HT66F4530 データシート(PDF) 137 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F4530 データシート(HTML) 137 Page - Holtek Semiconductor Inc |
|
137 / 224 page ![]() Rev. 1.00 13� De�e��e� �1� �01� Rev. 1.00 137 De�e��e� �1� �01� HT66F4530/HT66F4540/HT66F4550 A/D Flash MCU with Dual Operational Amplifiers HT66F4530/HT66F4540/HT66F4550 A/D Flash MCU with Dual Operational Amplifiers SCK (CKPOLB=1) SCK (CKPOLB=0) SCS SDO SDI Data Captu�e D7/D0 D�/D1 D5/D� D4/D3 D3/D4 D�/D5 D1/D� D0/D7 W�ite to SIMD (SDO �hanges as soon as w�iting o��u�s; SDO is floating if SCS=1) Note: Fo� SPI slave �ode� if SIMEN=1 and CSEN=0� SPI is always ena�led and igno�es the SCS level. SPI Slave Mode Timing – CKEG=1 Clea� WCOL W�ite Data into SIMD WCOL=1? T�ans�ission �o�pleted? (TRF=1?) Read Data f�o� SIMD Clea� TRF END T�ansfe� finished? A SPI T�ansfe� Maste� o� Slave ? SIMEN=1 Configu�e CKPOLB� CKEG� CSEN and MLS A SIM[�:0]=000� 001� 010� 011 o� 100 SIM[�:0]=101 Maste� Slave Y Y N N N Y SPI Transfer Control Flowchart |