| データシートサーチシステム |
|
R5F104LED データシート(PDF) 159 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LED データシート(HTML) 159 Page - Renesas Technology Corp |
|
159 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 159 of 208 Aug 12, 2016 CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) Remark 1. p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31) Remark 2. m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13) SIp SOp tKCY1, 2 Input data Output data SCKp tKL1, 2 tKH1, 2 SSI00 (CSI00 only) tSIK1, 2 tKSI1, 2 tKSO1, 2 tSSIK tKSSI Input data Output data tKCY1, 2 tKH1, 2 tSIK1, 2 tKSI1, 2 tKSO1, 2 tSSIK tKSSI SIp SOp SCKp SSI00 (CSI00 only) tKL1, 2 |