| データシートサーチシステム |
|
R5F104LED データシート(PDF) 192 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LED データシート(HTML) 192 Page - Renesas Technology Corp |
|
192 / 213 page ![]() RL78/G14 4. PACKAGE DRAWINGS R01DS0053EJ0330 Rev. 3.30 Page 192 of 208 Aug 12, 2016 4.4 40-pin products R5F104EAANA, R5F104ECANA, R5F104EDANA, R5F104EEANA, R5F104EFANA, R5F104EGANA, R5F104EHANA R5F104EADNA, R5F104ECDNA, R5F104EDDNA, R5F104EEDNA, R5F104EFDNA, R5F104EGDNA, R5F104EHDNA R5F104EAGNA, R5F104ECGNA, R5F104EDGNA, R5F104EEGNA, R5F104EFGNA, R5F104EGGNA, R5F104EHGNA 2012 Renesas Electronics Corporation. All rights reserved. JEITA Package Code RENESAS Code Previous Code MASS (TYP.) [g] P-HWQFN40-6x6-0.50 PWQN0040KC-A P40K8-50-4B4-4 0.09 DETAIL OF A PART S y e Lp S x bA B M A D E 30 20 21 10 11 1 40 A S B A S D2 E2 31 EXPOSED DIE PAD ITEM D2 E2 A MIN NOM MAX 4.45 4.50 EXPOSED DIE PAD VARIATIONS 4.55 MIN NOM MAX 4.45 4.50 4.55 D E A b e Lp 0.40 0.50 6.00 6.00 0.75 0.25 Referance Symbol Min Nom Max Dimension in Millimeters 0.70 0.18 0.80 0.30 0.30 0.50 x 0.05 5.95 5.95 6.05 6.05 y 0.05 |