データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ELM900 データシート(PDF) 2 Page - ELM Technology Corporation

部品番号 ELM900
部品情報  CMOS White LED flashlight driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELM-TECH [ELM Technology Corporation]
ホームページ  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM900 データシート(HTML) 2 Page - ELM Technology Corporation

  ELM900 Datasheet HTML 1Page - ELM Technology Corporation ELM900 Datasheet HTML 2Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Power voltage
Vdd
1.0
5.0
V
Current consumption
Iss
Vdd=3.0V
7.0
14.0
μA
Output current of LX pin
Ilx
Vdd=3.0V
90.0
mA
Leakage current of LX pin
Ilxl
Vdd=LX=6.0V
1.0
μA
Oscillation frequency : 35kHz
Fosc Vdd=3.0V
22
35
55
kHz
Oscillation frequency : 55kHz
35
55
75
Duty ratio : switching 35kHz
Duty Vdd=3.0V
45
55
65
%
Duty ratio : switching 55kHz
45
55
75
■Appliaction circuit
����
�����
�����
���
�����
���
�������
1cell 1LED
����
�����
���
���
�������
�����
���
2cell 2LED
Top=25°C
■Electrical characteristics
■Marking
ELM900x CMOS White LED flashlight driver
2 -
Products
Lot No.
ELM900B
0 to 9
ELM900D
A to Z (I, O, X expected)
a, b : Product IC code
90
c : the assembly lot No.1
� �
� �
SOT-89
Products
Lot No.
ELM900B
A to Z (I, O, X expected)
ELM900D
0 to 9
d : the assembly lot No.2


同様の部品番号 - ELM900

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ELM900 ETC-ELM900 Datasheet
101Kb / 3P
WHITE LED FLASHLIGHT DRIVER
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-N ELM-TECH-ELM900B-N Datasheet
54Kb / 2P
CMOS White LED flashlight driver
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
CMOS White LED flashlight driver
More results

同様の説明 - ELM900

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ELM900 ETC-ELM900 Datasheet
101Kb / 3P
WHITE LED FLASHLIGHT DRIVER
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
CMOS White LED Driver
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Shenzhen Huazhimei Semi...
HM6002 HMSEMI-HM6002 Datasheet
698Kb / 7P
Flashlight LED driver IC
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com