| データシートサーチシステム |
|
WM8912 データシート(PDF) 111 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8912 データシート(HTML) 111 Page - Cirrus Logic |
|
111 / 129 page ![]() Production Data WM8912 w PD, Rev 4.1, February 2013 111 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R76 (4Ch) DC Servo 9 7:0 DCS_DAC_WR _VAL_0 [7:0] 0000_0000 DC Offset value for HPOUTL in DAC Write DC Servo mode in two's complement format. In readback, the current DC offset value is returned in two's complement format. Two’s complement format: LSB is 0.25mV. Range is +/-32mV Register 4Ch DC Servo 9 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R77 (4Dh) DC Servo Readback 0 11:8 DCS_CAL_CO MPLETE [3:0] 0000 DC Servo Complete status [3] - LINEOUTR [2] - LINEOUTL [1] - HPOUTR [0] - HPOUTL 0 = DAC Write or Start-Up DC Servo mode not completed. 1 = DAC Write or Start-Up DC Servo mode complete. 7:4 DCS_DAC_WR _COMPLETE [3:0] 0000 DC Servo DAC Write status [3] - LINEOUTR [2] - LINEOUTL [1] - HPOUTR [0] - HPOUTL 0 = DAC Write DC Servo mode not completed. 1 = DAC Write DC Servo mode complete. 3:0 DCS_STARTU P_COMPLETE [3:0] 0000 DC Servo Start-Up status [3] - LINEOUTR [2] - LINEOUTL [1] - HPOUTR [0] - HPOUTL 0 = Start-Up DC Servo mode not completed.. 1 = Start-Up DC Servo mode complete. Register 4Dh DC Servo Readback 0 |