データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FXP07070100A データシート(PDF) 6 Page - Taoglas antenna solutions

部品番号 FXP07070100A
部品情報  Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP07070100A データシート(HTML) 6 Page - Taoglas antenna solutions

Back Button FXP07070100A Datasheet HTML 2Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 3Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 4Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 5Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 6Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 7Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 8Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 9Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPE-11-8-114/C
Page 6 of 10
3.3
Radiation Pattern
x-y plane
x-z plane
FXP-07 with ground plane
FXP-07 in free space
FXP-07 adhere on plastic


同様の部品番号 - FXP07070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
More results

同様の説明 - FXP07070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A_16 Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
logo
List of Unclassifed Man...
FXP07090100A ETC2-FXP07090100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 1.13 cable Right angle MMCX connector
logo
Taoglas antenna solutio...
FXP07090100A TAOGLAS-FXP07090100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna, 100mm 1.13cable, right angle MMCX connector
logo
List of Unclassifed Man...
FLA01070045A ETC2-FLA01070045A Datasheet
285Kb / 7P
   Flexible PCB Penta-Band GSM Loop Antenna, 850/900/1800/1900/2100MHz 45mm 1.13cable, IPEX MHFII
logo
Pulse A Technitrol Comp...
L143 PULSE-L143 Datasheet
1Mb / 5P
   GSM/3G Penta Band Hybrid PCB Antenna
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com