データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FXP07070100A データシート(PDF) 2 Page - Taoglas antenna solutions

部品番号 FXP07070100A
部品情報  Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP07070100A データシート(HTML) 2 Page - Taoglas antenna solutions

  FXP07070100A Datasheet HTML 1Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 2Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 3Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 4Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 5Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 6Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 7Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 8Page - Taoglas antenna solutions FXP07070100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-11-8-114/C
Page 2 of 10
1. Introduction
FXP07.07.0100A is a general version of stick-on flexible PCB. It is designed with
100mm 1.13mm coaxial cable and the IPEX connector for easy installation.
FXP07.07.0100A is ideal for initial test of FPCB type antenna.
2. Specification
Communication System
Penta-band Cellular
AMPS
GSM
DCS
PCS
UMTS
Frequency (MHz)
824 ~ 896 880~960 1710~1880 1850~1990 1710~2170
Efficiency (ground
plane)
82%
82%
29%
60%
49%
Efficiency (free space)
11%
12%
41%
32%
33%
Impedance
50 Ohm
Radiation Pattern
Omni-directional
Polarization
Linear
FPCB
41.0 x 24.0 mm
Connector
IPEX
Cable
Ø1.13
Cable Length
100 mm
Adhesive Tape
3M 467
Operation Temperature
-40℃ ~ +85℃
Storage Temperature
-40℃ ~ +85℃


同様の部品番号 - FXP07070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
More results

同様の説明 - FXP07070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A_16 Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna
logo
List of Unclassifed Man...
FXP07090100A ETC2-FXP07090100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 1.13 cable Right angle MMCX connector
logo
Taoglas antenna solutio...
FXP07090100A TAOGLAS-FXP07090100A Datasheet
979Kb / 11P
   Flexible PCB Penta Band GSM Antenna, 100mm 1.13cable, right angle MMCX connector
logo
List of Unclassifed Man...
FLA01070045A ETC2-FLA01070045A Datasheet
285Kb / 7P
   Flexible PCB Penta-Band GSM Loop Antenna, 850/900/1800/1900/2100MHz 45mm 1.13cable, IPEX MHFII
logo
Pulse A Technitrol Comp...
L143 PULSE-L143 Datasheet
1Mb / 5P
   GSM/3G Penta Band Hybrid PCB Antenna
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com