データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC81070100A データシート(PDF) 8 Page - Taoglas antenna solutions

部品番号 PC81070100A
部品情報  TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAOGLAS [Taoglas antenna solutions]
ホームページ  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC81070100A データシート(HTML) 8 Page - Taoglas antenna solutions

  PC81070100A Datasheet HTML 1Page - Taoglas antenna solutions PC81070100A Datasheet HTML 2Page - Taoglas antenna solutions PC81070100A Datasheet HTML 3Page - Taoglas antenna solutions PC81070100A Datasheet HTML 4Page - Taoglas antenna solutions PC81070100A Datasheet HTML 5Page - Taoglas antenna solutions PC81070100A Datasheet HTML 6Page - Taoglas antenna solutions PC81070100A Datasheet HTML 7Page - Taoglas antenna solutions PC81070100A Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPE-12-8-85/B/SS
Page 8 of 8
5. Packaging
100 pcs per small PE Bag
10 small PE bags per large PE bag (1000pcs)
Taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make
changes to specifications and product descriptions at any time without notice.
Taoglas reserves all rights to this document and the information contained herein. Reproduction, use or disclosure to third parties without
express permission is strictly prohibited. Copyright © 2014, Taoglas Ltd.


同様の部品番号 - PC81070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
   868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
More results

同様の説明 - PC81070100A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
   868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
   915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
PC24070100A ETC2-PC24070100A Datasheet
404Kb / 7P
   850/900/1800/1900MHz GSM PCB Antenna 100mm 1.13mm IPEX MHF connector
logo
Molex Electronics Ltd.
0897624490 MOLEX11-0897624490 Datasheet
68Kb / 1P
   TNC-to-IPEX(MHF) Cable Assembly, 1.13mm Cable Diameter, Length 177.0mm
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
   : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Taoglas antenna solutio...
PC11.07.0100A TAOGLAS-PC11.07.0100A Datasheet
320Kb / 10P
   IPEX MHF Connector
logo
List of Unclassifed Man...
FXP400070100A ETC2-FXP400070100A Datasheet
1Mb / 18P
   High Efficiency Ultra Wide-Band Antenna with 100mm 1.13 cable IPEX MHF(U.FL)
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
   Thestripe 915Mhz PCB Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com