データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

110-87-320-41-005101 データシート(PDF) 9 Page - Precid-Dip Durtal SA

部品番号 110-87-320-41-005101
部品情報  MaLE JumpERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PREDIP [Precid-Dip Durtal SA]
ホームページ  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

110-87-320-41-005101 データシート(HTML) 9 Page - Precid-Dip Durtal SA

Back Button 110-87-320-41-005101 Datasheet HTML 5Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 6Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 7Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 8Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 9Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 10Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 11Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 12Page - Precid-Dip Durtal SA 110-87-320-41-005101 Datasheet HTML 13Page - Precid-Dip Durtal SA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
130
WWW.PRECIDIP.COm
TEL +41 32 421 04 00
SALES@PRECIDIP.COm
due to technical progress, all information provided is subject to change without prior notice.
DUAL-IN-LINE SOCKETS
AUTOmATIC INSERTION / OPEN FRAmE / SOLDER TAIL
TECHNICAL SPECIFICATIONS (FOR GENERAL SPECS, SEE PAGE 127)
INSULATOR
Black glass filled polyester pct-Gf30-fr
FLAmmABILITY
ul 94V-o
SLEEvE
Brass cuZn36pb3 (c36000)
CONTACT CLIP (4 FINGER)
Beryllium copper (c17200)
ACCEPTED PIN Ø
0.40 to 0.56 mm
FORCES
2 n typ. insertion
1 n typ. withdrawal
(polished steel gauge Ø 0.43 mm)
mECHANICAL LIFE
Min. 100 cycles
RATED CURRENT
1 a
CONTACT RESISTANCE
Max. 10 mΩ
DIELECTRIC STRENGTH
Min. 1’000 Vrms
ORDERING INFORmATION ROHS COmPLIANT PARTS
PP PLATING CODE
SLEEvE
CLIP
87
tin
flash gold
83
tin
0.75 µm gold
dil sockets with ribbed insulator body and soft copper alloy contacts compatible with automatic insertion equipment.
other plating on request (see page 178 for plating specs).
other pin count please consult.
NO. OF POLES
B
SEE BELOW
ORDER CODES
6
7.62
fig. 1
110-PP-306-41-605101
8
7.62
fig. 2
110-PP-308-41-605101
14
7.62
fig. 3
110-PP-314-41-605101
16
7.62
fig. 4
110-PP-316-41-605101
18
7.62
fig. 5
110-PP-318-41-605101
20
7.62
fig. 6
110-PP-320-41-605101
24
7.62
fig. 7
110-PP-324-41-605101
28
7.62
fig. 7a
110-PP-328-41-605101
22
10.16
fig. 8
110-PP-422-41-605101
24
15.24
fig. 9
110-PP-624-41-605101
28
15.24
fig. 10
110-PP-628-41-605101
32
15.24
fig. 11
110-PP-632-41-605101
40
15.24
fig. 12
110-PP-640-41-605101
INSULATOR BODIES
306
fig. 1
308
fig. 2
314
fig. 3
316
fig. 4
318
fig. 5
320
fig. 6
324
fig. 7
328
fig. 7a
422
fig. 8
624
fig. 9
628
fig. 10
632
fig. 11
640
fig. 12


同様の部品番号 - 110-87-320-41-005101

メーカー部品番号データシート部品情報
logo
Precid-Dip Durtal SA
110-87-320-41-001101 PREDIP-110-87-320-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
More results

同様の説明 - 110-87-320-41-005101

メーカー部品番号データシート部品情報
logo
Precid-Dip Durtal SA
999-11-113-10 PREDIP-999-11-113-10 Datasheet
30Kb / 1P
Jumpers Male or female
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
zero ohm jumpers
logo
Omron Electronics LLC
XJ8 OMRON-XJ8 Datasheet
745Kb / 6P
Header Plugs / Jumpers
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
DIP Jumpers
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
Mini-Link??Miniature Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
zero ohm jumpers
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
FLEXSTRIP 짰 Jumpers
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
Mount components, jumpers
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
Jumpers Accessories
04.18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com