| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 247 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 247 Page - Mitsubishi Electric Semiconductor |
|
247 / 274 page ![]() Appendix Standard Serial I/O Mode 1 (Flash Memory Version) Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 247 Version Information Output Command This command outputs the version information of the control program stored in the boot area. Execute the version information output command as explained here following. (1) Transfer the “FB16” command code with the 1st byte. (2) The version information will be output from the 2nd byte onward. This data is composed of 8 ASCII code characters. Figure 1.29.14. Timing for version information output Boot ROM Area Output Command This command outputs the control program stored in the boot ROM area in one page blocks (256 bytes). Execute the boot ROM area output command as explained here following. (1) Transfer the “FC16” command code with the 1st byte. (2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively. (3) From the 4th byte onward, data (D0–D7) for the page (256 bytes) specified with addresses A8 to A23 will be output sequentially from the smallest address first, in sync with the fall of the clock. Figure 1.29.15. Timing for boot ROM area output FB16 'X' 'V' 'E' 'R' CLK1 RxD1 TxD1 RTS1(BUSY) (M16C reception data) (M16C transmit data) data0 data255 CLK1 RxD1 TxD1 RTS1(BUSY) A8 to A15 A16 to A23 FC16 (M16C reception data) (M16C transmit data) |