| データシートサーチシステム |
|
M30620FCAFP データシート(PDF) 125 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30620FCAFP データシート(HTML) 125 Page - Mitsubishi Electric Semiconductor |
|
125 / 274 page ![]() Clock asynchronous serial I/O (UART) mode Mitsubishi microcomputers M16C / 62A Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 125 Table 1.16.6. Specifications of UART Mode (2) Item Specification Select function • Sleep mode selection (UART0, UART1) This mode is used to transfer data to and from one of multiple slave micro- computers • Serial data logic switch (UART2) This function is reversing logic value of transferring data. Start bit, parity bit and stop bit are not reversed. •TXD, RXD I/O polarity switch (UART2) This function is reversing TXD port output and RXD port input. All I/O data level is reversed. |