データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M52770ASP データシート(PDF) 1 Page - Mitsubishi Electric Semiconductor

部品番号 M52770ASP
部品情報  NTSC/PAL TV SIGNAL PROCESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52770ASP データシート(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M52770ASP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52770ASP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52770ASP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52770ASP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTSC/PAL TV SIGNAL PROCESSOR
M52770ASP
MITSUBISHI ICs (TV)
DESCRIPTION
The M52770ASP is a single chip CTV processor which has
VIF/SIF, luminance, chrominance, mono sound, OSD display,
RGB interface, and deflection.
And it is possible to control each parameters by I2C bus. A
baseband 1H delay line is built-in, and conjunction with SECAM
decoder M52325AP simplifies multi system CTV chassis.
FEATURES
• Built-in 1H Delay Line using Bi-CMOS technology
• Multistandard PLL demodulator for IF
• Alignment - free sound demodulator
• Flexible source selection with internal CVBS and external CVBS
or Y/C input signal
• Audio switch integrated
• Integrated chroma trap and bandpass filters with auto-calibration
• Luminance delay line integrated
• RGB control circuit with cut-off and drive
• Linear RGB inputs and fast blanking
• Horizontal synchronaization with two control loops and alignment-
free H-oscillator
• Vertical count-down circuit
• Vertical saw tooth generator integrated
• I2C Bus control of various functions
• Easy
interfacing
with
SECAM
decoder
for
multistandard
applications
• Small amount of peripheral components
APPLICATION
NTSC/PAL TELEVISION
QUICK REFERENCE DATA
• Supply voltage
pin11(VIF), pin31(video/chroma).................. 5.0V
pin27(Start-up), pin53(Output Stage)........... 9.0V
• Supply current
pin11 and pin31....................................... 107mA
pin27 and pin53..........................................56mA
• Input signals
VIF input sensitivity................................... 47dBµ
SIF limiting sensitivity............................... 40dBµ
External audio input....................................1VP-P
External CVBS/Y inputs............................. 1VP-P
External chroma input (burst amplitude)..0.3VP-P
External RGB inputs................................ 0.7VP-P
Fast blanking
Internal TV.................. 0 to 0.8V
External RGB............1.2 to 3.3V
Harf Tone.................... 3.7 to 5V
-(R-Y) input.............................................1.05VP-
P
-(B-Y) input............................................. 1.33VP-P
PIN CONFIGURATION (TOP VIEW)
64
61
Outline 64P4B
62
63
1
4
3
2
60
5
59
6
56
9
55
10
54
11
53
12
13
14
52
51
7
8
58
57
15
50
16
49
17
48
18
47
19
20
46
45
21
44
22
43
23
24
42
41
25
40
26
39
27
28
29
30
31
32
38
37
36
35
34
33
AFT OUT
SIF LIMITER IN
RF AGC OUT
IF AGC FILTER
VIF GND
VIF IN(1)
VIF IN(2)
VIF VCC
START-UP VCC
AFC 1 FILTER
SCP OUT
H OUT
H OSC
SDA
SCL
R OUT
G OUT
B OUT
VIDEO/CHROMA VCC
B IN
VDD DECOUPLING
V RAMP C
VSS
DEFLECTION GND
V OUT(RAMP/PULSE)
QIF OUT
QIF IN
SPOT KILLER
FAST BLK
AFC 2 FILTER
V RAMP FEEDBACK
MUTE FILTER
BLK HOLD
SECAM REF.
Hi VCC
G IN
R IN
VIF APC FILTER2
X-TAL 3.58
CONTRAST CONTROL
VIDEO/CHROMA GND
TV IN
Y SW OUT
X-TAL 4.43
SYNC SEP IN(1)
EXT AUDIO IN
AUDIO OUT
FM DIRECT OUT
VIF VCO (1)
VIF VCO (2)
VIF VIDEO OUT
-(R-Y) IN
-(B-Y) IN
AUDIO BYPASS
KILLER FILTER
EXT IN
CHROMA APC FILTER
VIF APC FILTER1
CHROMA IN
VIDEO CLAMP
VIDEO IN
X-RAY IN
ID FILTER
SYNC SEP IN(2)
• Output signals
VIF CVBS det out.....................................2.2VP-P
RF AGC output range......................... 0.3 to
8.7V
Video switch out....................................... 2.1VP-P
RGB output
Pedestal voltage................. 2.2V
amplitude........................ 4.2VP-P
Horizontal output amplitude..................... 4.0VP-P
Vertical ramp amplitude........................... 2.0VP-P


同様の部品番号 - M52770ASP

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
More results

同様の説明 - M52770ASP

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
M52771ASP RENESAS-M52771ASP Datasheet
232Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52771SP MITSUBISHI-M52771SP Datasheet
91Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
List of Unclassifed Man...
M61260BFP ETC2-M61260BFP Datasheet
76Kb / 1P
   TV Signal Processor for PAL/SECAM/NTSC
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP MITSUBISHI-M52340SP Datasheet
314Kb / 44P
   PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com