データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VO4254M データシート(PDF) 5 Page - Vishay Siliconix

部品番号 VO4254M
部品情報  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4254M データシート(HTML) 5 Page - Vishay Siliconix

  VO4254M Datasheet HTML 1Page - Vishay Siliconix VO4254M Datasheet HTML 2Page - Vishay Siliconix VO4254M Datasheet HTML 3Page - Vishay Siliconix VO4254M Datasheet HTML 4Page - Vishay Siliconix VO4254M Datasheet HTML 5Page - Vishay Siliconix VO4254M Datasheet HTML 6Page - Vishay Siliconix VO4254M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VO4254, VO4256
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Apr-12
5
Document Number: 84798
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Output Off Current (Leakage) vs. Voltage
Fig. 7 - Normalized Trigger Input Current vs. Temperature
Fig. 8 - IFT vs. Turn-On Time (μs)
Fig. 9 - Normalized IH vs. Temperature
Fig. 10 - IFT vs. LED Pulse Width
- 10
0
10
20
30
40
50
60
70
80
0
200
400
600
800
Voltage (V)
85 °C
25 °C
0 °C
19684
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 60 - 40 - 20
0
20
40
60
80
100
Temperature (ºC)
Normalized I
FT
at 25 ºC
19666
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1000
Turn-On Time (µs)
20013
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80
100
Temperature (ºC)
Normalized I
H
at 25 °C
20014
0
2
4
6
8
10
10
20
30
40
50
60
70
Trigger Pulse Width (µs)
85 ºC
100 ºC
25 ºC
- 40 ºC
20015


同様の部品番号 - VO4254M

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VO4254M VISHAY-VO4254M Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4254M-X006 VISHAY-VO4254M-X006 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4254M-X007 VISHAY-VO4254M-X007 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
More results

同様の説明 - VO4254M

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com