データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VO4254M データシート(PDF) 1 Page - Vishay Siliconix

部品番号 VO4254M
部品情報  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO4254M データシート(HTML) 1 Page - Vishay Siliconix

  VO4254M Datasheet HTML 1Page - Vishay Siliconix VO4254M Datasheet HTML 2Page - Vishay Siliconix VO4254M Datasheet HTML 3Page - Vishay Siliconix VO4254M Datasheet HTML 4Page - Vishay Siliconix VO4254M Datasheet HTML 5Page - Vishay Siliconix VO4254M Datasheet HTML 6Page - Vishay Siliconix VO4254M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VO4254, VO4256
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Apr-12
1
Document Number: 84798
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototriac Output, High dV/dt, Low Input Current
DESCRIPTION
The VO4254 and VO4256 phototriac consists of a GaAs
IRLED optically coupled to a photosensitive non-zero
crossing TRIAC packaged in a DIP-6 package.
High input sensitivity is achieved by using an emitter
follower phototransistor and a cascaded SCR predriver
resulting in an LED trigger current of 1.6 mA for bin D, 2 mA
for bin H, and 3 mA for bin M.
The new non zero phototriac family use a proprietary dV/dt
clamp resulting in a static dV/dt of greater than 5 kV/μs.
The VO4254 and VO4256 phototriac isolates low-voltage
logic from 120 VAC, 240 VAC, and 380 VAC lines to control
resistive, inductive, or capacitive loads including motors,
solenoids, high current thyristors or TRIAC and relays.
FEATURES
• High static dV/dt 5 kV/μs
• High input sensitivity 1.6 mA, 2 mA, and 3 mA
• 400 V and 600 V blocking voltage
• 300 mA on-state current
• Isolation test voltage 5300 VRMS
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
•Solid-state relays
• Industrial controls
• Office equipment
• Consumer appliances
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• cUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5 (VDE 0884) available with option 1
• FIMKO: FI25250
1
2
3
6
5
4
MT2
MT1
NC
A
C
NC
i179035_3
V
DE
21842-1
ORDERING INFORMATION
V
O
425#
X
-
X
0
0
#
T
PART NUMBER
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/PACKAGE
VDRM 400
VDRM 600
TRIGGER CURRENT, IFT (mA)
UL, cUL, FIMKO
1.6
2
3
1.6
2
3
DIP-6
VO4254D
VO4254H
VO4254M
VO4256D
VO4256H
VO4256M
DIP-6, 400 mil, option 6
VO4254D-X006
VO4254H-X006
VO4254M-X006
VO4256D-X006
VO4256H-X006
VO4256M-X006
SMD-6, option 7
VO4254D-X007T VO4254H-X007T VO4254M-X007T VO4256D-X007T VO4256H-X007T VO4256M-X007T
UL, cUL, FIMKO, VDE
1.6
2
3
1.6
2
3
DIP-6
-
-
-
VO4256D-X001
-
-
10.16 mm
> 0.7 mm
7.62 mm
DIP-6
Option 7
Option 6


同様の部品番号 - VO4254M

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VO4254M VISHAY-VO4254M Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4254M-X006 VISHAY-VO4254M-X006 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
VO4254M-X007 VISHAY-VO4254M-X007 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
More results

同様の説明 - VO4254M

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com