| データシートサーチシステム |
|
MPXM2053GS データシート(PDF) 403 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2053GS データシート(HTML) 403 Page - Motorola, Inc |
|
403 / 670 page ![]() AN1315 3–257 Motorola Sensor Device Data www.motorola.com/semiconductors 0A07 3F 5C CLR $5C 0A09 B7 5D STA $5D 0A0B 81 RTS } /***************************************************************************/ void initio (void) /* setup the I/O */ { 0A0C A6 20 LDA #$20 adstat = 0x20; /* power–up the A/D */ 0A0E B7 09 STA $09 0A10 3F 02 CLR $02 porta = portb = portc = 0; 0A12 3F 01 CLR $01 0A14 3F 00 CLR $00 0A16 A6 FF LDA #$FF ddra = ddrb = ddrc = 0xff; 0A18 B7 06 STA $06 0A1A B7 05 STA $05 0A1C B7 04 STA $04 0A1E B6 13 LDA $13 areg=tsr; /* dummy read */ 0A20 3F 1E CLR $1E ocmphi1 = ocmphi2 = 0; 0A22 3F 16 CLR $16 0A24 B6 1F LDA $1F areg = ocmplo2; /* clear out output compare 2 if it happens to be set */ 0A26 AD 9F BSR $09C7 fixcompare(); /* set–up for the first timer interrupt */ 0A28 A6 40 LDA #$40 tcr = 0x40; 0A2A B7 12 STA $12 0A2C 9A CLI CLI; /* let the interrupts begin ! */ /* write CAL to the display */ 0A2D A6 CC LDA #$CC portc = 0xcc; /* C */ 0A2F B7 02 STA $02 0A31 A6 BE LDA #$BE portb = 0xbe; /* A */ 0A33 B7 01 STA $01 0A35 A6 C4 LDA #$C4 porta = 0xc4; /* L */ 0A37 B7 00 STA $00 0A39 CD 09 21 JSR $0921 sensor_type(); /* get the model of the sensor based on J1..J3 */ 0A3C AD AD BSR $09EB adzero(); /* auto zero */ 0A3E 81 RTS } /***************************************************************************/ void cvt_bin_dec(unsigned long arg) /* First converts the argument to a five digit decimal value. The msd is in the lowest address. Then leading zero suppress the value and write it to the display ports. The argument value is 0..65535 decimal. */ 009D { 0A3F BF 9D STX $9D 0A41 B7 9E STA $9E 009F char i; 00A0 unsigned long l; 0A43 3F 9F CLR $9F for ( i=0; i < 5; ++i ) 0A45 B6 9F LDA $9F 0A47 A1 05 CMP #$05 0A49 24 07 BCC $0A52 { 0A4B 97 TAX digit[i] = 0x0; /* put blanks in all digit positions */ 0A4C 6F 50 CLR $50,X } 0A4E 3C 9F INC $9F 0A50 20 F3 BRA $0A45 0A52 3F 9F CLR $9F for ( i=0; i < 4; ++i ) 0A54 B6 9F LDA $9F 0A56 A1 04 CMP #$04 0A58 24 7A BCC $0AD4 { 0A5A 97 TAX if ( arg >= dectable [i] ) 0A5B 58 LSLX 0A5C D6 08 0B LDA $080B,X 0A5F B0 9E SUB $9E 0A61 B7 58 STA $58 0A63 B6 9D LDA $9D 0A65 A8 80 EOR #$80 0A67 B7 57 STA $57 0A69 D6 08 0A LDA $080A,X 0A6C A8 80 EOR #$80 0A6E B2 57 SBC $57 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |