| データシートサーチシステム |
|
MPX2202DP データシート(PDF) 575 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPX2202DP データシート(HTML) 575 Page - Motorola, Inc |
|
575 / 670 page ![]() 3–429 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) BASIC ELEMENT (A, D) CASE 867–08 ISSUE N STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX PIN 1 F G N L R C B M J S –A– 123 4 5 6 6 PL D SEATING PLANE –T– M A M 0.136 (0.005) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.595 0.630 15.11 16.00 B 0.514 0.534 13.06 13.56 C 0.200 0.220 5.08 5.59 D 0.027 0.033 0.68 0.84 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.40 L 0.695 0.725 17.65 18.42 M 30 NOM 30 NOM N 0.475 0.495 12.07 12.57 R 0.430 0.450 10.92 11.43 S 0.090 0.105 2.29 2.66 __ POSITIVE PRESSURE (P1) NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION –A– IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630). PRESSURE SIDE PORTED (AP, GP) CASE 867B–04 ISSUE F STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX SEATING PLANE R N C J PIN 1 M Q M 0.25 T B 6X D G F S K V S P M 0.173 Q S T L U A 1 2 34 5 6 NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. DIM MIN MAX MILLIMETERS A 29.08 29.85 B 17.4 18.16 C 7.75 8.26 D 0.68 0.84 F 1.22 1.63 G 2.54 BSC J 0.36 0.41 K 17.65 18.42 L 7.37 7.62 N 10.67 11.18 P 3.89 4.04 Q 3.89 4.04 R 5.84 6.35 S 5.59 6.1 U 23.11 BSC V 4.62 4.93 T P P Q Q Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |