データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SM5L データシート(PDF) 5 Page - IC-Haus GmbH

部品番号 IC-SM5L
部品情報  LINEAR AMR SENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM5L データシート(HTML) 5 Page - IC-Haus GmbH

  IC-SM5L_14 Datasheet HTML 1Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 2Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 3Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 4Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 5Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 6Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
iC-SM5L
LINEAR AMR SENSOR (5 mm)
Rev B2, Page 5/7
ELECTRICAL CHARACTERISTICS
Operating Conditions:
VB = 5 V ±10 %, VCOS = 5 V ±10 %, Tj = -40. . . 125 °C, |Hext| > 25 kA/m at the bottom edge of the sensor, unless otherwise noted
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VB
Permissible Supply Voltage VSIN,
VCOS
VB = VSIN = VCOS
-10
10
V
002
I(VB)
Supply Current in VSIN, VCOS
PSIN, NSIN, PCOS, NCOS open
VSIN connected to VCOS
5
10
mA
003
R()
Sensor Resistance of one (sine
and cosine bridge)
VSIN connected to VCOS, Tj = 25 °C
1
1.5
2
kΩ
004
TC(R)
Bridge Resistance Temperature
Coefficient
0.29
0.33
0.37
%/K
005
Vpk
Amplitude of Differential Output
Voltages
8
20
mV/V
006
TC(Vpk)
Amplitude Temperature
Coefficient
-0.37
-0.33
-0.29
%/K
007
Vos
Diff. Output Offset Voltage
Hext = 0 kA/m at the bottom edge of the sensor
-3
3
mV/V
008
TC(Vos)
Offset Voltage Temperature
Coefficient
-3
3
µV/V/K
009
Vrel
Relative Change in Amplitude
distance bottom edge of the sensor to the mag-
netic scale: 0 ... 2.5 mm
-5
5
%
010
AAabs
Absolute Angle Accuracy
without offset voltage, distance bottom edge of
the sensor to the magnetic scale: 1 mm
-1
1
DEG
APPLICATION INFORMATION
iC-SM5L is placed vertically above a magnetic scale with an equal distribution of N/S pole pairs.
Figure 1: Placement of the iC-SM5L to a magnetic scale


同様の部品番号 - IC-SM5L_14

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM5LCHIP ICHAUS-IC-SM5LCHIP Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
More results

同様の説明 - IC-SM5L_14

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com