データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IC-SM5L データシート(PDF) 2 Page - IC-Haus GmbH

部品番号 IC-SM5L
部品情報  LINEAR AMR SENSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICHAUS [IC-Haus GmbH]
ホームページ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-SM5L データシート(HTML) 2 Page - IC-Haus GmbH

  IC-SM5L_14 Datasheet HTML 1Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 2Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 3Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 4Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 5Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 6Page - IC-Haus GmbH IC-SM5L_14 Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
iC-SM5L
LINEAR AMR SENSOR (5 mm)
Rev B2, Page 2/7
DESCRIPTION
iC-SM5L is a linear position sensor which operates
on the AMR effect (anisotropic magneto resistance)
and has been designed to work with magnetic scales
which have a N/S pole pitch of 5 mm.
When the Sensor is moved along a magnetic scale
with a N/S pole pitch of 5 mm the two Wheatstone
bridges generate differential sinusoidal output volt-
ages (PSIN - NSIN) and (PCOS - NCOS) phase-
shifted at 90°. One sine/cosine cycle averaged us-
ing a pair of N/S poles is thus produced for a pole
width. The absolute magnetic field strength must be
large enough for the sensor to go into saturation and
for the magnetization of iC-SM5L’s resistor stripes to
assume the direction of the outer magnetic fields.
The amplitudes of the differential output voltages are
largely independent of the magnetic field strength
and thus not sensitive to changes in distance.
iC-SM5L is resistant to strong magnetic fields and not
sensitive to external homogenous magnetic fields.
PACKAGING INFORMATION
PIN CONFIGURATION
TOP VIEW
<A-CODE>
BOTTOM VIEW
1
6
5
4
3
2
dra_sm2c-sm5l_a_pack_3, 8:1
Platzhalter für Gehäuse Beschriftung:
Procuct-Code
Assembly-Code
Date-Code
Lage und Anzahl bei Mb erfragen!
25.04.2014, HMS
<P-CODE>
<D-CODE>
PIN FUNCTIONS
No. Name Function
1 PCOS Noninverted Cosine Output
2 NCOS Inverted Cosine Output
3 VCC
Supply Voltage
4 GND
Ground
5 PSIN
Noninverted Sine Output
6 NSIN
Inverted Sine Output
IC top marking: <A-CODE> = assembly code (subject to changes).


同様の部品番号 - IC-SM5L_14

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM5LCHIP ICHAUS-IC-SM5LCHIP Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
More results

同様の説明 - IC-SM5L_14

メーカー部品番号データシート部品情報
logo
IC-Haus GmbH
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
KMT32B TEC-KMT32B Datasheet
307Kb / 6P
   AMR Sensor with 180째 period
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com