データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MS8607 データシート(PDF) 5 Page - Humirel

部品番号 MS8607
部品情報  Digital Pressure and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HUMIREL [Humirel]
ホームページ  http://www.humirel.com
Logo HUMIREL - Humirel

MS8607 データシート(HTML) 5 Page - Humirel

  MS8607 Datasheet HTML 1Page - Humirel MS8607 Datasheet HTML 2Page - Humirel MS8607 Datasheet HTML 3Page - Humirel MS8607 Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 5 / 4 page
background image
MEAS MS8607 DCS FOR ZedBoard
Digital Pressure and Humudity Sensor
SENSOR SOLUTIONS /// MEAS MS8607 DCS DEVELOPMENT KIT
07/2016
Page 5
Launching the Console Application
Now that you have successfully set up your hardware platform, you are ready to run the console application.
1. Upon power-on, the console application should already be running. It will be necessary to open a terminal and configure a
serial connection to interact with the console application. Do this by opening tera term (which can be downloaded from
http://en.sourceforge.jp/projects/ttssh2/releases/) or a similar terminal emulation software package.
2. Tera term may display an error when it starts up if it tries to connect to a COM port where no device is present. It is safe to
ignore this warning, so click OK. Next, open the “Setup” menu and click the “Serial Port…” option.
3. Now select the appropriate COM port that your ZedBoard setup is connected to. If you are not sure which this is, refer to
the Device Manager. Configure your serial connection with 115200 Baud, 8 bit data, no parity, 1 stop bit, and no flow
control, and then click OK.
4. You should now have a live connection open to the console application running on the ZedBoard. Press enter and the
console application will display the main menu from which you can perform several tasks on the MS8607 digital pressure
sensor.
ZedBoard is a trademark.



Html Pages

1 2 3 4