データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12 データシート(PDF) 1 Page - Suntan Capacitors

部品番号 TS12
部品情報  ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS12 データシート(HTML) 1 Page - Suntan Capacitors

  TS12_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRIC DOUBLE LAYER CAPACITOR – GOLD CAPACITOR
Suntan®
TS12
F E A T U R E S
Small-size, large capacity, excellent voltage holding.
For all ratings, uniform 5 mm pitch of terminal
spacing.
Wider temperature range(-25~+70℃) thank battery
makes periodic change unnecessary.
Ø13.5x7.5 size can encase up to 0.33F.
Ideal for backing up of CMOS's, microcomputers,
RAM's and the like used in VCR's, tuners, TV sets,
telephone sets and other.
SPECIFICA
T
IONS
Operating temperature range (℃)
-25 to + 70
Capacitance tolerance (%)
-20 to + 80
Internal resistance at 1KHz
Standard Ratings, Miniaturized
High-Temperature -20 + 85℃,
Coin Cell High Voltage
Capacitance (F)
0.047
0.1
0.22
0.33
0.47
1.0
0.047
0.1
0.22
0.47
0.68
1.0
Internal resistance (Ω)
120
75
75
75
30
30
300
200
120
50
50
30
Stability at low & high temperature
Percentage of capacitance change
Within ±30% of the value at ℃
Internal resistance
Less than five times of the value at 20 ℃
Endurance (70℃)
Test time
1000 hours
Percentage of capacitance change
Within ±30% of the initial measured value
Internal resistance
Within four times the initial specified value
(Coin Cell High Voltage: Less than four times of the initial specified value)
Shelf life (70℃)
Test time: 1000 hours : Same as endurance.
Rated
voltage (V)
Capacitance
(F)
Standard Ratings
High-Temperature
-20 + 85℃
Ø D x L (mm)
Ø D x L (mm)
5.5
0.047
13.5 x 7.5
--
5.5
0.1
13.5 x 7.5
13.5 x 9.5
5.5
0.22
13.5 x 7.5
13.5 x 9.5
5.5
0.33
13.5 x 7.5
--
5.5
0.47
21.5 x 8
21.5 x 9.5
5.5
0.68
--
21.5 x 9.5
5.5
1.0
21.5 x 8
21.5 x 9.5
Coin Cell High Voltage
Rated voltage (V)
Capacitance (F)
Ø D x L (mm)
6.3
0.047
13.5 x 9.5
6.3
0.1
13.5 x 9.5
6.3
0.47
21.5 x 9.5
6.3
0.68
21.5 x 9.5
6.3
1.0
21.5 x 9.5
Miniaturized
Rated voltage (V)
Capacitance (F)
Ø D x L (mm)
5.5
0.047
11.5 x 13
11.5 x 5
5.5
0.1
11.5 x 13
11.5 x 5
5.5
0.22
11.5 x 13
11.5 x 5
5.5
0.33
11.5 x 13
11.5 x 5
5.5
1.0
19 x 20.5
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


同様の部品番号 - TS12_17

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Silicon Laboratories
TS12011 SILABS-TS12011 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
TS12011ITD1022 SILABS-TS12011ITD1022 Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
logo
Touchstone Semiconducto...
TS12011ITD1022T TOUCHSTONE-TS12011ITD1022T Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Silicon Laboratories
TS12011ITD1022T SILABS-TS12011ITD1022T Datasheet
1Mb / 18P
   Nanopower Op Amp, Comparator, and Reference
More results

同様の説明 - TS12_17

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R_17 Datasheet
297Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S_17 Datasheet
616Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S Datasheet
566Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V_17 Datasheet
270Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com